Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP752R Datasheet (PDF) - Infineon Technologies AG

BSP752R Datasheet PDF - Infineon Technologies AG
Part # BSP752R
Download  BSP752R Download
File Size   379.29 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart Power High-Side-Switch

BSP752R Datasheet (PDF)

Go To PDF Page Download Datasheet
BSP752R Datasheet PDF - Infineon Technologies AG

Part # BSP752R
Download  BSP752R Click to download

File Size   379.29 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart Power High-Side-Switch

BSP752R Datasheet (HTML) - Infineon Technologies AG


BSP752R Product details

General Description

N channel vertical power FET with charge pump, ground referenced CMOS compatible input and diagnostic feedback, monolithically integrated in Smart SIPMOS technology. Providing embedded protective functions.



Features

• Overload protection

• Current limitation

• Short circuit protection

• Thermal shutdown with restart

• Overvoltage protection (including load dump)

• Fast demagnetization of inductive loads

• Reverse battery protection with external resistor

• Open drain diagnostic output for overtemperature and short circuit

• Open load detection in OFF - State with external resistor

• CMOS compatible input

• Loss of GND and loss of Vbb protection

• ESD - Protection

• Very low standby current

  AEC qualified

  Green product(RoHS compliant)



Application

• All types of resistive, inductive and capacitive loads

• µC compatible power switch for 12 V, 24 V and 42 V DC applications

• Replaces electromechanical relays and discrete circuits



 




Similar Part No. - BSP752R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP752R INFINEON-BSP752R Datasheet
259Kb / 18P
Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752R INFINEON-BSP752R Datasheet
400Kb / 19P
Smart High-Side Power Switch
V1.2 2016-02-22
BSP752RXUMA2 INFINEON-BSP752RXUMA2 Datasheet
400Kb / 19P
Smart High-Side Power Switch
V1.2 2016-02-22
BSP752R INFINEON-BSP752R_07 Datasheet
259Kb / 18P
Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752R INFINEON-BSP752R_16 Datasheet
401Kb / 19P
Smart High-Side Power Switch
V1.2 2016-02-22
More results


Similar Description - BSP752R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP742RI INFINEON-BSP742RI Datasheet
376Kb / 17P
Smart Power High-Side-Switch
2004-03-16
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
Smart High-Side Power Switch
V1.1, 2007-05-29
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
Smart High-Side Power Switch
V1.0, 2007-05-13
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
Smart High-Side Power Switch
V1.1, 2007-05-29
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com