Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD13N65M2 Datasheet (PDF) - STMicroelectronics

STD13N65M2 Datasheet PDF - STMicroelectronics
Part # STD13N65M2
Download  STD13N65M2 Download
File Size   556.22 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100% avalanche tested

STD13N65M2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD13N65M2 Datasheet PDF - STMicroelectronics

Part # STD13N65M2
Download  STD13N65M2 Click to download

File Size   556.22 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100% avalanche tested

STD13N65M2 Datasheet (HTML) - STMicroelectronics


STD13N65M2 Product details

Description
This device is an N-channel Power MOSFET developed using MDmesh™ M2 technology. Thanks to its strip layout and an improved vertical structure, the device exhibits low on-resistance and optimized switching characteristics, rendering it suitable for the most demanding high efficiency converters. AM15572v1 , TAB 1 3 TAB 2 DPAK

Features
■ Extremely low gate charge
■ Excellent output capacitance (Coss) profile
■ 100% avalanche tested
■ Zener-protected

Applications
■ Switching applications




Similar Part No. - STD13N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD13N60DM2 STMICROELECTRONICS-STD13N60DM2 Datasheet
839Kb / 16P
Fast-recovery body diode
07-Dec-2016
STD13N60M2 STMICROELECTRONICS-STD13N60M2 Datasheet
1Mb / 23P
Extremely low gate charge
12-Sep-2016
STD13N60M6 STMICROELECTRONICS-STD13N60M6 Datasheet
526Kb / 16P
N-channel 600 V, 320 m typ., 10 A, MDmesh M6 Power MOSFET in a DPAK package
17-Oct-2019
More results


Similar Description - STD13N65M2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU20N06LTU FAIRCHILD-FQU20N06LTU Datasheet
892Kb / 8P
100% Avalanche Tested
logo
Microsemi Corporation
APT30M70BVRG MICROSEMI-APT30M70BVRG Datasheet
63Kb / 4P
100% Avalanche Tested
logo
SemiHow Co.,Ltd.
HRF130N06K SEMIHOW-HRF130N06K Datasheet
872Kb / 7P
100% Avalanche Tested
logo
STMicroelectronics
STD9HN65M2 STMICROELECTRONICS-STD9HN65M2 Datasheet
505Kb / 16P
100% avalanche tested
23-Apr-2015
logo
SemiHow Co.,Ltd.
HRF85N08K SEMIHOW-HRF85N08K Datasheet
185Kb / 7P
100% Avalanche Tested
HRLF55N03K SEMIHOW-HRLF55N03K Datasheet
238Kb / 7P
100% Avalanche Tested
HRLF80N06K SEMIHOW-HRLF80N06K Datasheet
190Kb / 7P
100% Avalanche Tested
HRLF150N10K SEMIHOW-HRLF150N10K Datasheet
233Kb / 7P
100% Avalanche Tested
HRLF180N10K SEMIHOW-HRLF180N10K Datasheet
223Kb / 7P
100% Avalanche Tested
HRLFS90N03K SEMIHOW-HRLFS90N03K Datasheet
232Kb / 7P
100% Avalanche Tested
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com