Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL16N65M2 Datasheet (PDF) - STMicroelectronics

STL16N65M2 Datasheet PDF - STMicroelectronics
Part # STL16N65M2
Download  STL16N65M2 Download
File Size   947.95 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 650 V, 0.325 ??typ., 7.5 A MDmesh M2 Power MOSFET in a PowerFLAT™5x6 HV package

STL16N65M2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STL16N65M2 Datasheet PDF - STMicroelectronics

Part # STL16N65M2
Download  STL16N65M2 Click to download

File Size   947.95 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 650 V, 0.325 ??typ., 7.5 A MDmesh M2 Power MOSFET in a PowerFLAT™5x6 HV package

STL16N65M2 Datasheet (HTML) - STMicroelectronics


STL16N65M2 Product details

Description
This device is an N-channel Power MOSFET developed using MDmesh™ M2 technology. Thanks to its strip layout and an improved vertical structure, the device exhibits low on-resistance and optimized switching characteristics, rendering it suitable for the most demanding high efficiency converters. AM15540v2 5 6 7 8 1 2 3 4 Top View D(5, 6, 7, 8) G(4) S(1, 2, 3) 1 2 3 4 PowerFLAT™ 5x6 HV

Features
■ Extremely low gate charge
■ Excellent output capacitance (Coss) profile
■ 100% avalanche tested
■ Zener-protected

Applications
■ Switching applications




Similar Part No. - STL16N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL16N65M5 STMICROELECTRONICS-STL16N65M5 Datasheet
934Kb / 15P
N-channel 650 V, 0.270 ohm, 12 A PowerFLAT 8x8 HV
03-Nov-2011
More results


Similar Description - STL16N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL15N60M2-EP STMICROELECTRONICS-STL15N60M2-EP Datasheet
488Kb / 16P
N-channel 600 V, 0.389 Ω typ., 7 A MDmesh™M2 EP Power MOSFET in a PowerFLAT™5x6 HV package
15-Jun-2015
STL16N60M2 STMICROELECTRONICS-STL16N60M2 Datasheet
479Kb / 15P
N-channel 600 V, 0.290 Ω typ., 8 A MDmesh™M2 Power MOSFET in a PowerFLAT™5x6 HV package
18-May-2015
STL33N65M2 STMICROELECTRONICS-STL33N65M2 Datasheet
815Kb / 15P
N-channel 650 V, 0.124 (ohm0 typ., 20 A MDmesh M2 Power MOSFET in a PowerFLAT 8x8 HV package
13-Apr-2016
STL12N60M2 STMICROELECTRONICS-STL12N60M2 Datasheet
474Kb / 15P
N-channel 600 V, 0.400 Ω typ., 6.5 A MDmesh™ M2 Power MOSFET in a PowerFLAT 5x6 HV package
May 2015 Rev 1
STL3N65M2 STMICROELECTRONICS-STL3N65M2 Datasheet
318Kb / 13P
N-channel 650 V, 1.6 typ., 2.3 A MDmesh M2 Power MOSFET in a PowerFLAT 3.3x3.3 HV package
26-May-2022
STL8N65M2 STMICROELECTRONICS-STL8N65M2 Datasheet
848Kb / 15P
N-channel 650 V, 1 typ., 4 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
30-May-2019
STL10N65M2 STMICROELECTRONICS-STL10N65M2 Datasheet
796Kb / 15P
N-channel 650 V, 0.85 typ., 4.5 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
20-Jun-2019
STL16N60M6 STMICROELECTRONICS-STL16N60M6 Datasheet
887Kb / 15P
N-channel 600 V, 0.30 typ., 8 A MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
03-Apr-2017
STL24N65M2 STMICROELECTRONICS-STL24N65M2 Datasheet
869Kb / 15P
N-channel 650 V, 0.205 typ., 14 A MDmesh M2 Power MOSFET in a PowerFLAT™ 8x8 HV package
November 2014 Rev 1
STL11N60M2-EP STMICROELECTRONICS-STL11N60M2-EP Datasheet
618Kb / 15P
N-channel 600 V, 0.600 Ω typ., 5.5 A MDmesh™ M2 EP Power MOSFET in a PowerFLAT™ 5x6 HV package
26-Apr-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com