Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPS40W60L1 Datasheet (PDF) - STMicroelectronics

STGIPS40W60L1 Datasheet PDF - STMicroelectronics
Part # STGIPS40W60L1
Download  STGIPS40W60L1 Download
File Size   612.62 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dead time and interlocking function

STGIPS40W60L1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STGIPS40W60L1 Datasheet PDF - STMicroelectronics

Part # STGIPS40W60L1
Download  STGIPS40W60L1 Click to download

File Size   612.62 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dead time and interlocking function

STGIPS40W60L1 Datasheet (HTML) - STMicroelectronics


STGIPS40W60L1 Product details

Description
This intelligent power module provides a compact, high performance AC motor drive for a simple and rugged design. It targets high frequency converters. It combines ST proprietary control ICs with the most advanced IGBT and diode technologies tailored to high switching frequency operation. SLLIMM™ is a trademark of STMicroelectronics. SDIP-22L

Features
■ IPM 40 A, 600 V single phase IGBT including control ICs for gate driving and free-wheeling diodes
■ Very high switching speed IGBTs
■ VCE(sat) negative temperature coefficient
■ 3.3 V, 5 V, 15 V CMOS/TTL inputs comparators with hysteresis and pull down / pull up resistors
■ Undervoltage lockout
■ Internal bootstrap diode
■ Dead time and interlocking function
■ Smart shutdown function
■ Comparator for fault protection against over temperature and overcurrent
■ Op amp for advanced current sensing
■ DBC substrate leading to low thermal resistance
■ Isolation rating of 2500 Vrms/min
■ 4.7 kΩ NTC UL recognized for temperature control
■ UL Recognized : UL1557 file E81734

Applications
■ Power factor correction for compressors




Similar Part No. - STGIPS40W60L1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS10C60 STMICROELECTRONICS-STGIPS10C60 Datasheet
623Kb / 20P
3-phase inverters for motor drives
08-Apr-2015
STGIPS10C60-H STMICROELECTRONICS-STGIPS10C60-H Datasheet
707Kb / 20P
3-phase inverters for motor drives
08-Apr-2015
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
Undervoltage lockout
08-Apr-2015
STGIPS10K60A STMICROELECTRONICS-STGIPS10K60A Datasheet
458Kb / 17P
IGBT intelligent power module (IPM) 10 A, 600 V, DBC isolated SDIP-25L molded
15-Jun-2010
STGIPS10K60A2 STMICROELECTRONICS-STGIPS10K60A2 Datasheet
535Kb / 18P
Short-circuit rugged IGBT
14-Apr-2015
More results


Similar Description - STGIPS40W60L1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN2531 MOTOROLA-AN2531 Datasheet
473Kb / 28P
Standard Space Vector Modulation with Dead-Time Correction - XOR version TPU Function Set
logo
International Rectifier
IRS20124S IRF-IRS20124S Datasheet
218Kb / 24P
DIGITAL AUDIO DRIVER WITH DISCRETE DEAD-TIME AND PROTECTION
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
Bridge Controller with Precision Dead Time Control
September 1, 2005
ISL6745A INTERSIL-ISL6745A Datasheet
197Kb / 9P
Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
logo
Texas Instruments
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
logo
IXYS Corporation
IX21844 IXYS-IX21844 Datasheet
307Kb / 14P
Programmable Dead-Time
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
Bridge Controller with Precision Dead Time Control
logo
Analog Devices
LTC7060 AD-LTC7060 Datasheet
2Mb / 18P
100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
04/20-REV.A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com