Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC1206D Datasheet (PDF) - STMicroelectronics

STPSC1206D Datasheet PDF - STMicroelectronics
Part # STPSC1206D
Download  STPSC1206D Download
File Size   89.98 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 600 V power Schottky silicon carbide diode

STPSC1206D Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC1206D Datasheet PDF - STMicroelectronics

Part # STPSC1206D
Download  STPSC1206D Click to download

File Size   89.98 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 600 V power Schottky silicon carbide diode

STPSC1206D Datasheet (HTML) - STMicroelectronics


STPSC1206D Product details

Description
These diodes are manufactured using silicon carbide substrate. This wide bandgap material supports the manufacture of a Schottky diode structure with a high voltage rating. Such diodes exhibit no or negligible recovery characteristics. The recovery characteristics are independent of the temperature. Using these diodes will significantly reduce the switching power losses of the associated MOSFET, and thus increase the efficiency of the overall application. These diodes will then outperform the power factor correction circuit operating in hard switching conditions.

Features
■ No reverse recovery
■ Switching behavior independent of temperature
■ Dedicated to PFC boost diode




Similar Part No. - STPSC1206D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC1206D STMICROELECTRONICS-STPSC1206D Datasheet
89Kb / 7P
600 V power Schottky silicon carbide diode
28-Sep-2009
logo
Inchange Semiconductor ...
STPSC1206D ISC-STPSC1206D Datasheet
362Kb / 2P
Silicon Carbide Schottky Diode
More results


Similar Description - STPSC1206D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC806D STMICROELECTRONICS-STPSC806D Datasheet
96Kb / 7P
600 V power Schottky silicon carbide diode
05-May-2008
STPSC1006D STMICROELECTRONICS-STPSC1006D Datasheet
96Kb / 7P
600 V power Schottky silicon carbide diode
05-May-2008
STPSC406 STMICROELECTRONICS-STPSC406 Datasheet
108Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC606 STMICROELECTRONICS-STPSC606 Datasheet
106Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC806 STMICROELECTRONICS-STPSC806_09 Datasheet
93Kb / 7P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC1206D STMICROELECTRONICS-STPSC1206D Datasheet
89Kb / 7P
600 V power Schottky silicon carbide diode
28-Sep-2009
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC2006CW STMICROELECTRONICS-STPSC2006CW Datasheet
80Kb / 7P
600 V power Schottky silicon carbide diode
01-Mar-2011
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
logo
WOLFSPEED, INC.
CSD01060A WOLFSPEED-CSD01060A Datasheet
1Mb / 9P
600 V, 1 A Silicon Carbide Schottky Diode
Rev. 18, March 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com