Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QJD1210007 Datasheet (PDF) - Powerex Power Semiconductors

QJD1210007 Datasheet PDF - Powerex Power Semiconductors
Part # QJD1210007
Download  QJD1210007 Download
File Size   458.88 Kbytes
Page   4 Pages
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors
Description Silicon Carbide MOSFET Module 100 Amperes/1200 Volts

QJD1210007 Datasheet (PDF)

Go To PDF Page Download Datasheet
QJD1210007 Datasheet PDF - Powerex Power Semiconductors

Part # QJD1210007
Download  QJD1210007 Click to download

File Size   458.88 Kbytes
Page   4 Pages
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors
Description Silicon Carbide MOSFET Module 100 Amperes/1200 Volts

QJD1210007 Datasheet (HTML) - Powerex Power Semiconductors


QJD1210007 Product details

Description:
Powerex Silicon Carbide MOSFET Modules are designed for use in high frequency application. Each module consists of two MOSFET Silicon Carbide Transistors in half-bridge configuration with each transistor having a reverse connected fast recovery free-wheel silicon carbide Schottky diode. All components and interconnects are isolated from the heat sinking baseplate, offering simplified system assembly and thermal management.

Features:
□ Junction Temperature - 200°C
□ Silicon Carbide Chips
□ Industry Leading RDS(on)
□ High Speed Switching
□ Low Switching Losses
□ Low Capacitance
□ Low Drive Requirement
□ Fast 100A Free Wheeling Schottky Diode
□ High Power Density
□ Isolated Baseplate
□ Aluminum Nitride Ceramic

Applications:
□ High Frequency Power Supply
□ High Efficiency Inverter
□ High Temperature Environment




Similar Part No. - QJD1210007

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QJD1210006 POWEREX-QJD1210006 Datasheet
458Kb / 4P
Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
More results


Similar Description - QJD1210007

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
KD421210A7 POWEREX-KD421210A7 Datasheet
398Kb / 4P
Dual Darlington Transistor Module (100 Amperes/1200 Volts)
CM100DU-24NFH POWEREX-CM100DU-24NFH Datasheet
628Kb / 4P
Dual IGBTMOD NFH-Series Module 100 Amperes/1200 Volts
CM100DY-24NF POWEREX-CM100DY-24NF Datasheet
70Kb / 4P
Dual IGBTMOD NF-Series Module 100 Amperes/1200 Volts
CM100MXA-24S POWEREX-CM100MXA-24S Datasheet
1Mb / 15P
NX-Series CIB Module 100 Amperes/1200 Volts
CM100TX-24S POWEREX-CM100TX-24S Datasheet
1Mb / 9P
Six IGBT NX-Series Module 100 Amperes/1200 Volts
QJD1210010 POWEREX-QJD1210010 Datasheet
700Kb / 7P
Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210011 POWEREX-QJD1210011 Datasheet
703Kb / 7P
Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210010 POWEREX-QJD1210010_14 Datasheet
812Kb / 7P
Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210011 POWEREX-QJD1210011_14 Datasheet
811Kb / 7P
Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210006 POWEREX-QJD1210006 Datasheet
458Kb / 4P
Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com