Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-USD05F3 Datasheet (PDF) - STMicroelectronics

EMIF06-USD05F3 Datasheet PDF - STMicroelectronics
Part # EMIF06-USD05F3
Download  EMIF06-USD05F3 Download
File Size   337.77 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6-line EMI filter and ESD protection for SD card, mini-SD card and micro-SD card interfaces

EMIF06-USD05F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMIF06-USD05F3 Datasheet PDF - STMicroelectronics

Part # EMIF06-USD05F3
Download  EMIF06-USD05F3 Click to download

File Size   337.77 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6-line EMI filter and ESD protection for SD card, mini-SD card and micro-SD card interfaces

EMIF06-USD05F3 Datasheet (HTML) - STMicroelectronics


EMIF06-USD05F3 Product details

Description
The EMIF06-USD05F3 is a 6-line EMI filter dedicated to SD, mini-SD and micro-SD card applications. It provides an efficient attenuation at 900 MHz to reduce or suppress the antenna desense. This filter includes ESD protection circuitry, which prevents damage to the protected device when inserting the card. Pull-up resistors are not integrated inside the chip, hence the EMIF06-USD05F3 gives the flexibility to customers to use controllers with embedded resistance. This 6-line IPAD ™ is packaged into a flip-chip solution, saving PCB space.

Features
• EMI low-pass filter
• 104 MHz clock frequency compatible with SDR50 mode (SD3.0)
• High attenuation level of -30 dB at 900 MHz
• Lead-free package

Applications
Where EMI filtering in ESD sensitive equipment is required:
• Features phones, smartphones, phablets and communication systems
• Tablets, multimedia players like MP3, camcorders




Similar Part No. - EMIF06-USD05F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-USD04F3 STMICROELECTRONICS-EMIF06-USD04F3 Datasheet
297Kb / 8P
6-line low capacitance IPAD™ for micro-SD card with EMI filtering and ESD protection
January 2015 Rev 4
More results


Similar Description - EMIF06-USD05F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-SD02F3 STMICROELECTRONICS-EMIF06-SD02F3 Datasheet
61Kb / 3P
6 line EMI filter and ESD protection for SD card
06-Mar-2007
EMIF06-MSD01F2 STMICROELECTRONICS-EMIF06-MSD01F2 Datasheet
190Kb / 7P
IPAD??Mini and micro SD Card - EMI filtering and 25 kV ESD protection
02-Feb-2007
logo
Infineon Technologies A...
BGF117 INFINEON-BGF117 Datasheet
721Kb / 8P
High-Speed Mini-/Micro-SD Card ESD Protection and EMI Filter
V2.0, January 2010
logo
STMicroelectronics
EMIF06-MSD02C3 STMICROELECTRONICS-EMIF06-MSD02C3 Datasheet
613Kb / 11P
Mini and micro-SD card IPAD??EMI filtering and ESD protection
12-Aug-2010
EMIF06-SD03F3 STMICROELECTRONICS-EMIF06-SD03F3 Datasheet
517Kb / 23P
6-line IPAD?? EMI filter and ESD protection for SD card
11-Feb-2010
EMIF06-HSD03F3 STMICROELECTRONICS-EMIF06-HSD03F3 Datasheet
565Kb / 10P
EMI filter with integrated ESD protection for micro-SD Card?
October 2016 Rev 4
EMIF06-USD04F3 STMICROELECTRONICS-EMIF06-USD04F3 Datasheet
297Kb / 8P
6-line low capacitance IPAD™ for micro-SD card with EMI filtering and ESD protection
January 2015 Rev 4
logo
NXP Semiconductors
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com