Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDCAN24-2BLY Datasheet (PDF) - STMicroelectronics

ESDCAN24-2BLY Datasheet PDF - STMicroelectronics
Part # ESDCAN24-2BLY
Download  ESDCAN24-2BLY Download
File Size   525.01 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description transient voltage suppressor for CAN bus

ESDCAN24-2BLY Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDCAN24-2BLY Datasheet PDF - STMicroelectronics

Part # ESDCAN24-2BLY
Download  ESDCAN24-2BLY Click to download

File Size   525.01 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description transient voltage suppressor for CAN bus

ESDCAN24-2BLY Datasheet (HTML) - STMicroelectronics


ESDCAN24-2BLY Product details

Description
The ESDCAN01-2BLY and ESDCAN24-2BLY are dual-line Transils specifically designed for the protection of the automotive CAN bus lines against electrostatic discharge (ESD).

Features
■ Dual-line ESD and EOS protection
■ Breakdown voltage: VBR – ESDCAN24-2BLY: 27 V – ESDCAN01-2BLY: 25 V
■ Bidirectional device
■ Max pulse power: 230 W (8/20 µs)
■ Low clamping factor VCL / VBR
■ Low leakage current
■ ECOPACK® 2 compliant component
■ AEC-Q101 qualified Complies with the following standards
■ ISO 10605 - C = 150 pF, R = 330 Ω: – ±30 kV (air discharge) – ±30 kV (contact discharge)
■ ISO 10605 - C = 330 pF, R = 330 Ω: – ±30 kV (air discharge) – ±30 kV (contact discharge)
■ ISO 7637-3: – Pulse 3a: Vs = -150 V – Pulse 3b: Vs = +100 V




Similar Part No. - ESDCAN24-2BLY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDCAN24-2BLY STMICROELECTRONICS-ESDCAN24-2BLY Datasheet
219Kb / 9P
Automotive dual-line Transil, transient voltage suppressor (TVS) for CAN bus
07-Nov-2012
ESDCAN24-2BLY STMICROELECTRONICS-ESDCAN24-2BLY Datasheet
1,000Kb / 13P
Automotive dual-line TVS in SOT23-3L for CAN bus
21-Jul-2022
logo
Guangdong Youtai Semico...
ESDCAN24-2BLY UMW-ESDCAN24-2BLY Datasheet
545Kb / 4P
Automatic Teller Machines
More results


Similar Description - ESDCAN24-2BLY

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SDA004 DIODES-SDA004 Datasheet
93Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
DS30452 Rev. 4 - 2
logo
Microsemi Corporation
RT100KP33A MICROSEMI-RT100KP33A Datasheet
138Kb / 4P
Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
Diodes Incorporated
SDA004 DIODES-SDA004_08 Datasheet
147Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
DS30452 Rev. 8 - 2
DLPA004 DIODES-DLPA004 Datasheet
86Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
DS31593 Rev. 4 - 2
logo
STMicroelectronics
ESDCAN24-2BLY STMICROELECTRONICS-ESDCAN24-2BLY Datasheet
219Kb / 9P
Automotive dual-line Transil, transient voltage suppressor (TVS) for CAN bus
07-Nov-2012
logo
Diodes Incorporated
SDA004 DIODES-SDA004_15 Datasheet
96Kb / 5P
DATA BUS TRANSIENT SUPPRESSOR
Rev 9
DLPA004 DIODES-DLPA004_15 Datasheet
86Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR
Rev erse
logo
STMicroelectronics
ESDCAN02-2BWY STMICROELECTRONICS-ESDCAN02-2BWY Datasheet
505Kb / 10P
transient voltage suppressor for CAN bus
30-Sep-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com