Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-125 Datasheet (PDF) - STMicroelectronics

M95M01-125 Datasheet PDF - STMicroelectronics
Part # M95M01-125
Download  M95M01-125 Download
File Size   399.93 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 1-Mbit serial SPI bus EEPROM

M95M01-125 Datasheet (PDF)

Go To PDF Page Download Datasheet
M95M01-125 Datasheet PDF - STMicroelectronics

Part # M95M01-125
Download  M95M01-125 Click to download

File Size   399.93 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 1-Mbit serial SPI bus EEPROM

M95M01-125 Datasheet (HTML) - STMicroelectronics


M95M01-125 Product details

Features
■ Compatible with the Serial Peripheral Interface (SPI) bus
■ Memory array – 1 Mb (128 Kbytes) of EEPROM – Page size: 256 bytes
■ Write – Byte Write within 5 ms – Page Write within 5 ms
■ Write Protect: quarter, half or whole memory array
■ High-speed clock: 5 MHz
■ Single supply voltage: – 2.5 V to 5.5 V
■ Operating temperature range: from -40°C up to +125°C
■ Enhanced ESD protection
■ More than 1 million Write cycles
■ More than 40-year data retention




Similar Part No. - M95M01-125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95M01-A125 STMICROELECTRONICS-M95M01-A125 Datasheet
744Kb / 40P
Automotive 1 Mbit serial SPI bus EEPROMs
31-Oct-2014
M95M01-A145 STMICROELECTRONICS-M95M01-A145 Datasheet
744Kb / 40P
Automotive 1 Mbit serial SPI bus EEPROMs
31-Oct-2014
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
M95M01-DWDW3TG STMICROELECTRONICS-M95M01-DWDW3TG Datasheet
744Kb / 40P
Automotive 1 Mbit serial SPI bus EEPROMs
31-Oct-2014
M95M01-DWDW3TP STMICROELECTRONICS-M95M01-DWDW3TP Datasheet
744Kb / 40P
Automotive 1 Mbit serial SPI bus EEPROMs
31-Oct-2014
More results


Similar Description - M95M01-125

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
25LC1024 MICROCHIP-25LC1024_08 Datasheet
480Kb / 32P
1 Mbit SPI Bus Serial EEPROM
2008
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25LC1024 MICROCHIP-25LC1024 Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25LC1024-ESM MICROCHIP-25LC1024-ESM Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95M01-A125 STMICROELECTRONICS-M95M01-A125 Datasheet
744Kb / 40P
Automotive 1 Mbit serial SPI bus EEPROMs
31-Oct-2014
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
1 Mbit SPI Bus Serial EEPROM
01/27/15
logo
STMicroelectronics
M95M02-A125 STMICROELECTRONICS-M95M02-A125 Datasheet
712Kb / 39P
Automotive 2 Mbit serial SPI bus EEPROM
July 2015 Rev 5
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com