Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128-A125 Datasheet (PDF) - STMicroelectronics

M24128-A125 Datasheet PDF - STMicroelectronics
Part # M24128-A125
Download  M24128-A125 Download
File Size   606.2 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 128-Kbit serial IC bus EEPROM with 1 MHz clock

M24128-A125 Datasheet (PDF)

Go To PDF Page Download Datasheet
M24128-A125 Datasheet PDF - STMicroelectronics

Part # M24128-A125
Download  M24128-A125 Click to download

File Size   606.2 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 128-Kbit serial IC bus EEPROM with 1 MHz clock

M24128-A125 Datasheet (HTML) - STMicroelectronics


M24128-A125 Product details

Features
■ Compatible with all I2C bus modes – 1 MHz – 400 kHz – 100 kHz
■ Memory array – 128 Kbit (16 Kbytes) of EEPROM – Page size: 64 bytes – Additional Write lockable page (Identification page)
■ Extended temperature and voltage ranges – -40 °C to 125 °C; 1.8 V to 5.5 V
■ Schmitt trigger inputs for noise filtering.
■ Short Write cycle time – Byte Write within 4 ms – Page Write within 4 ms
■ Write cycle endurance – 4 million Write cycles at 25 °C – 1.2 million Write cycles at 85 °C – 600 k Write cycles at 125 °C
■ Data retention – 50 years at 125 °C – 100 years at 25 °C
■ ESD Protection (Human Body Model) – 4000 V




Similar Part No. - M24128-A125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128-125 STMICROELECTRONICS-M24128-125 Datasheet
290Kb / 29P
Automotive 128-Kbit serial IC bus EEPROM
March 2012 Rev 1
M24128-B STMICROELECTRONICS-M24128-B Datasheet
172Kb / 19P
256/128 Kbit Serial IC Bus EEPROM With Three Chip Enable Lines
24-Feb-2000
M24128-B2BN3 STMICROELECTRONICS-M24128-B2BN3 Datasheet
334Kb / 39P
128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
05-Jan-2009
M24128-B2BN3TGA STMICROELECTRONICS-M24128-B2BN3TGA Datasheet
334Kb / 39P
128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
05-Jan-2009
M24128-B2BN3TGP STMICROELECTRONICS-M24128-B2BN3TGP Datasheet
334Kb / 39P
128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
05-Jan-2009
More results


Similar Description - M24128-A125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128-125 STMICROELECTRONICS-M24128-125 Datasheet
290Kb / 29P
Automotive 128-Kbit serial IC bus EEPROM
March 2012 Rev 1
M24C02-A125 STMICROELECTRONICS-M24C02-A125 Datasheet
604Kb / 39P
Automotive 2-Kbit serial I²C bus EEPROM with 1 MHz clock
January 2015 Rev 4
M24C04-A125 STMICROELECTRONICS-M24C04-A125 Datasheet
604Kb / 39P
Automotive 4-Kbit serial I²C bus EEPROM with 1 MHz clock
January 2015 Rev 4
M24C08-A125 STMICROELECTRONICS-M24C08-A125 Datasheet
605Kb / 39P
Automotive 8-Kbit serial IC bus EEPROM with 1 MHz clock
07-Jan-2015
M24C16-A125 STMICROELECTRONICS-M24C16-A125 Datasheet
589Kb / 37P
Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
07-Jan-2015
M24C32-A125 STMICROELECTRONICS-M24C32-A125 Datasheet
604Kb / 40P
Automotive 32-Kbit serial IC bus EEPROM with 1 MHz clock
08-Jan-2015
M24C64-A125 STMICROELECTRONICS-M24C64-A125 Datasheet
608Kb / 40P
Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
16-Dec-2014
M24M01-A125 STMICROELECTRONICS-M24M01-A125 Datasheet
628Kb / 37P
Automotive 1-Mbit serial IC bus EEPROM with 1 MHz clock
February 2014 Rev 4
M24256-A125 STMICROELECTRONICS-M24256-A125 Datasheet
606Kb / 40P
Automotive 256-Kbit serial I²C bus EEPROM with 1 MHz clock
December 2014 Rev 4
M24512-A125 STMICROELECTRONICS-M24512-A125 Datasheet
607Kb / 40P
Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
December 2014 Rev 5
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com