Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS6143D Datasheet (PDF) - Infineon Technologies AG

BTS6143D Datasheet PDF - Infineon Technologies AG
Part # BTS6143D
Download  BTS6143D Download
File Size   262.37 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart Highside Power Switch

BTS6143D Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS6143D Datasheet PDF - Infineon Technologies AG

Part # BTS6143D
Download  BTS6143D Click to download

File Size   262.37 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart Highside Power Switch

BTS6143D Datasheet (HTML) - Infineon Technologies AG


BTS6143D Product details

Product Summary

Operating voltage Vbb(on) 5.5 ...38 V

On-state resistance RON 10 mΩ

Nominal current IL(nom) 8 A

Load current (ISO) IL(ISO) 33 A

Current limitation IL12(SC) 75 A



General Description

N-channel vertical power FET with charge pump, current controlled input and diagnostic feedback with load current sense, integrated in Smart SIPMOS chip on chip technology. Providing embedded protective functions.



Reversave™

• Reverse battery protection by self turn on of power MOSFET



Features

• Short circuit protection with latch

• Current limitation

• Overload protection

• Thermal shutdown with restart

• Overvoltage protection (including load dump)

• Loss of ground protection

• Loss of Vbb protection (with external diode for charged inductive loads)

• Very low standby current

• Fast demagnetisation of inductive loads

• Electrostatic discharge (ESD) protection

• Optimized static electromagnetic compatibility (EMC)

• Green Product (RoHS compliant)

• AEC qualified



Diagnostic Function

• Proportional load current sense (with defined fault signal in case of overload operation, overtemperature

shutdown and/or short circuit shutdown)



Application

• Power switch with current sense diagnostic feedback for 12V and 24 V DC grounded loads

• All types of resistive, inductive and capacitive loads

• Replaces electromechanical relays, fuses and discrete circuits




Similar Part No. - BTS6143D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS6143D INFINEON-BTS6143D Datasheet
683Kb / 18P
Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS6143D INFINEON-BTS6143D Datasheet
680Kb / 18P
Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS6143DAUMA1 INFINEON-BTS6143DAUMA1 Datasheet
680Kb / 18P
Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Similar Description - BTS6143D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
Smart Highside Power Switch
2003-Oct-01
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
Smart Highside Power Switch
2003-Oct-01
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
Smart Highside Power Switch
Rev. 1.0, 2007-02
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
Smart Highside Power Switch
logo
Infineon Technologies A...
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
Smart Highside Power Switch
22.03.99
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
Smart Highside Power Switch
2003-Oct-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com