Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAP16DPPS05XTTR Datasheet (PDF) - STMicroelectronics

STAP16DPPS05XTTR Datasheet PDF - STMicroelectronics
Part # STAP16DPPS05XTTR
Download  STAP16DPPS05XTTR Download
File Size   997.58 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage 16-bit constant current LED sink driver

STAP16DPPS05XTTR Datasheet (PDF)

Go To PDF Page Download Datasheet
STAP16DPPS05XTTR Datasheet PDF - STMicroelectronics

Part # STAP16DPPS05XTTR
Download  STAP16DPPS05XTTR Click to download

File Size   997.58 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage 16-bit constant current LED sink driver

STAP16DPPS05XTTR Datasheet (HTML) - STMicroelectronics


STAP16DPPS05XTTR Product details

Description
The STAP16DPPS05 is a monolithic, low voltage, low current power 16-bit shift register designed for LED panel displays. The device contains a 16-bit serial-in, parallel-out shift register that feeds a 16-bit D-type storage register. In the output stage, sixteen regulated current sources are designed to provide 3 to 40 mA of constant current to drive the LEDs.

Features
• AECQ100 qualified
• Low voltage power supply down to 3 V
• 16 constant current output channels
• Adjustable output current through external resistor
• Short and open output error detection
• Serial data IN/parallel data OUT
• 3.3 V micro driver-able
• Auto power-saving
• Output current: 3 - 40 mA
• Auto power-saving
• Max. clock frequency: 30 MHz
• 20 V current generator rated voltage
• Power supply voltage: from 3 V to 5.5 V
• Thermal shutdown for overtemperature protection
• ESD protection 2.0 KV HBM

Applications
• Dashboard and infotainment backlighting
• Exterior/interior lighting
• DTRLs




Similar Part No. - STAP16DPPS05XTTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STAP16DPS05XTTR STMICROELECTRONICS-STAP16DPS05XTTR Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
More results


Similar Description - STAP16DPPS05XTTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
22-Jul-2005
logo
List of Unclassifed Man...
STP16CP596 ETC1-STP16CP596 Datasheet
622Kb / 18P
LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
Low voltage 16-Bit constant current LED sink driver
21-Dec-2006
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
Low voltage 16-Bit, constant current LED sink driver
16-May-2006
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CP05XTTR STMICROELECTRONICS-STP16CP05XTTR Datasheet
658Kb / 27P
Low voltage 16-bit constant current LED sink driver
20-Jan-2010
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com