Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF9N60M2 Datasheet (PDF) - STMicroelectronics

STF9N60M2 Datasheet PDF - STMicroelectronics
Part # STF9N60M2
Download  STF9N60M2 Download
File Size   884.75 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.72 ??typ., 5.5 A MDmesh II Plus??low Qg Power MOSFETs in TO-220FP and I2PAKFP packages

STF9N60M2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STF9N60M2 Datasheet PDF - STMicroelectronics

Part # STF9N60M2
Download  STF9N60M2 Click to download

File Size   884.75 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.72 ??typ., 5.5 A MDmesh II Plus??low Qg Power MOSFETs in TO-220FP and I2PAKFP packages

STF9N60M2 Datasheet (HTML) - STMicroelectronics


STF9N60M2 Product details

Description
These devices are N-channel Power MOSFETs developed using a new generation of MDmesh™ technology: MDmesh II Plus™ low Qg. These revolutionary Power MOSFETs associate a vertical structure to the companys strip layout to yield one of the worlds lowest on-resistance and gate charge. They are therefore suitable for the most demanding high efficiency converters.

Features
• Extremely low gate charge
• Lower RDS(on) x area vs previous generation
• Low gate input resistance
• 100% avalanche tested
• Zener-protected

Applications
• Switching applications




Similar Part No. - STF9N60M2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF9N60M2 ISC-STF9N60M2 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STF9N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF24N60M2 STMICROELECTRONICS-STF24N60M2 Datasheet
1Mb / 14P
N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in TO-220FP and I2PAKFP packages
28-May-2013
STB10N60M2 STMICROELECTRONICS-STB10N60M2 Datasheet
1Mb / 24P
N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
06-Dec-2013
STF28N60M2 STMICROELECTRONICS-STF28N60M2 Datasheet
827Kb / 15P
N-channel 600 V, 0.135 typ., 22 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAKFP packages
29-Jan-2014
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
STFI40N60M2 STMICROELECTRONICS-STFI40N60M2 Datasheet
1Mb / 21P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STB33N60M2 STMICROELECTRONICS-STB33N60M2 Datasheet
1Mb / 15P
N-channel 600 V, 0.108 Ω typ., 26 A MDmesh II Plus™ low Qg Power MOSFETs in a D2PAK package
19-Nov-2013
STP13N60M2 STMICROELECTRONICS-STP13N60M2 Datasheet
1Mb / 18P
N-channel 600 V, 0.35 Ω typ., 11 A MDmesh II Plus™ low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
STF34N65M5 STMICROELECTRONICS-STF34N65M5_V01 Datasheet
1Mb / 15P
N-channel 650 V, 0.09 Ω typ., 28 A MDmesh™ V Power MOSFETs in TO-220FP, I2PAKFP, I2PAK packages
14-Jan-2014
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
28-Sep-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com