Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C164CM Datasheet (PDF) - Infineon Technologies AG

C164CM Datasheet PDF - Infineon Technologies AG
Part # C164CM
Download  C164CM Download
File Size   1107.32 Kbytes
Page   68 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Bit Single-Chip Microcontrol ler

C164CM Datasheet (PDF)

Go To PDF Page Download Datasheet
C164CM Datasheet PDF - Infineon Technologies AG

Part # C164CM
Download  C164CM Click to download

File Size   1107.32 Kbytes
Page   68 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Bit Single-Chip Microcontrol ler

C164CM Datasheet (HTML) - Infineon Technologies AG


C164CM Product details

16-Bit Single-Chip Microcontroller C166 Family

C164CM, C164SM

• High Performance 16-bit CPU with 4-Stage Pipeline
    – 80 ns Instruction Cycle Time at 25 MHz CPU Clock
    – 400 ns Multiplication (16 × 16 bit), 800 ns Division (32 / 16 bit)
    – Enhanced Boolean Bit Manipulation Facilities
    – Additional Instructions to Support HLL and Operating Systems
    – Register-Based Design with Multiple Variable Register Banks
    – Single-Cycle Context Switching Support
    – 16 MBytes Total Linear Address Space for Code and Data
    – 1024 Bytes On-Chip Special Function Register Area
• 16-Priority-Level Interrupt System with 32 Sources, Sample-Rate down to 40 ns
• 8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via
    Peripheral Event Controller (PEC)
• Clock Generation via on-chip PLL (factors 1:1.5/2/2.5/3/4/5),
    via prescaler or via direct clock input
• On-Chip Memory Modules
    – 2 KBytes On-Chip Internal RAM (IRAM)
    – 32 KBytes On-Chip Program Mask ROM or OTP Memory
• On-Chip Peripheral Modules
    – 8-Channel 10-bit A/D Converter with Programmable Conversion Time
        down to 7.8 µs
    – 12-Channel General Purpose Capture/Compare Unit (CAPCOM2)
    – Capture/Compare Unit for flexible PWM Signal Generation (CAPCOM6)
        (3/6 Capture/Compare Channels and 1 Compare Channel)
    – Multi-Functional General Purpose Timer Unit with 3 Timers
    – Two Serial Channels (Synchronous/Asynchronous and High-Speed-Synchronous)
    – On-Chip CAN Interface (Rev. 2.0B active) with 15 Message Objects
        (Full CAN/Basic CAN)
    – On-Chip Real Time Clock
• Up to 64 KBytes External Address Space for Code and Data
    – Programmable External Bus Characteristics for Different Address Ranges
    – Multiplexed External Address/Data Bus with
    - 8-Bit Data Bus Width (2 KBytes Address Space, A10 … A0, Serial Interfaces)
    - 16-Bit Data Bus Width (64 KBytes Address Space, A15 … A0)
• Idle, Sleep, and Power Down Modes with Flexible Power Management
• Programmable Watchdog Timer and Oscillator Watchdog
• Up to 50 General Purpose I/O Lines
• Supported by a Large Range of Development Tools like C-Compilers,
    Macro-Assembler Packages, Emulators, Evaluation Boards, HLL-Debuggers,
    Simulators, Logic Analyzer Disassemblers, Programming Boards
• On-Chip Bootstrap Loader
• 64-Pin TQFP Package, 0.5 mm pitch




Similar Part No. - C164CM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C164CM INFINEON-C164CM Datasheet
4Mb / 470P
16-Bit Single-Chip Microcontroller
V1.0, Feb. 2002
C164CM-4E INFINEON-C164CM-4E Datasheet
4Mb / 470P
16-Bit Single-Chip Microcontroller
V1.0, Feb. 2002
C164CM-4R INFINEON-C164CM-4R Datasheet
4Mb / 470P
16-Bit Single-Chip Microcontroller
V1.0, Feb. 2002
C164CM INFINEON-C164CM_2 Datasheet
4Mb / 470P
16-Bit Single-Chip Microcontroller
V1.0, Feb. 2002
More results


Similar Description - C164CM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C161CS-32R INFINEON-C161CS-32R Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.0, Jan. 2001
C164CM INFINEON-C164CM_2 Datasheet
4Mb / 470P
16-Bit Single-Chip Microcontroller
V1.0, Feb. 2002
C167CS-4R INFINEON-C167CS-4R_01 Datasheet
975Kb / 81P
16-Bit Single-Chip Microcontroller
V2.2, Aug. 2001
logo
Renesas Technology Corp
M3776AM8A RENESAS-M3776AM8A Datasheet
26Kb / 3P
SINGLE-CHIP 16-BIT MICROCOMPUTER
H8S-2350 RENESAS-H8S-2350 Datasheet
5Mb / 1025P
16-Bit Single-Chip Microcomputer
H8S-2626 RENESAS-H8S-2626 Datasheet
5Mb / 1069P
16-Bit Single-Chip Microcomputer
H8S-2655 RENESAS-H8S-2655 Datasheet
5Mb / 1091P
16-Bit Single-Chip Microcomputer
H8S-2668 RENESAS-H8S-2668 Datasheet
3Mb / 667P
16-Bit Single-Chip Microcomputer
H8-3022 RENESAS-H8-3022 Datasheet
3Mb / 712P
16-Bit Single-Chip Microcomputer
7733 RENESAS-7733 Datasheet
8Mb / 940P
16-BIT SINGLE-CHIP MICROCOMPUTER
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com