Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C517 Datasheet (PDF) - Infineon Technologies AG

C517 Datasheet PDF - Infineon Technologies AG
Part # C517
Download  C517 Download
File Size   845.95 Kbytes
Page   72 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-bit CMOS MICROCONTROLLER

C517 Datasheet (PDF)

Go To PDF Page Download Datasheet
C517 Datasheet PDF - Infineon Technologies AG

Part # C517
Download  C517 Click to download

File Size   845.95 Kbytes
Page   72 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-bit CMOS MICROCONTROLLER

C517 Datasheet (HTML) - Infineon Technologies AG


C517 Product details

Advance Information
• Full upward compatibility with SAB 80C517A/83C517A-5
• Up to 24 MHz external operating frequency
   – 500 ns instruction cycle at 24 MHz operation
• Superset of the 8051 architecture with 8 datapointers
• On-chip emulation support logic (Enhanced Hooks Technology TM)
• 32K byte on-chip ROM (with optional ROM protection)
   – alternatively up to 64K byte external program memory
• Up to 64K byte external data memory
• 256 byte on-chip RAM
• Additional 2K byte on-chip RAM (XRAM)
• Seven 8-bit parallel I/O ports
• Two input ports for analog/digital input
• Two full duplex serial interfaces (USART)
   – 4 operating modes, fixed or variabie baud rates
   – programmable baud rate generators
• Four 16-bit timer/counters
   – Timer 0 / 1 (C501 compatible)
   – Timer 2 for 16-bit reload, compare, or capture functions
   – Compare timer for compare/capture functions
• Powerful 16-bit compare/capture unt (CCU) with up to 21 high-speed or PWM output channels
   and 5 capture inputs
• 10-bit A/D converter
   – 12 multiplexed analog inputs
   – Built-in self calibration
• Extended watchdog facilities
   – 15-bit programmable watchdog timer
   – Oscillator watchdog
• Power saving modes
   – Slow down mode
   – Idle mode (can be combined with slow down mode)
   – Software power-down mode
   – Hardware power-down mode
• 17 interrupt sources (7 external, 10 internal) selectable at 4 priority levels
• P-MQFP-100 and P-LCC-84 packages
• Temperature Ranges : SAB-C517A TA = 0 to 70 °C
                                        SAF-C517A TA = -40 to 85 °C
                                        SAH-C517A TA = -40 to 110 °C




Similar Part No. - C517

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
C517 COOPER-C517 Datasheet
448Kb / 14P
PCB & Small Dimension Fuses
logo
Eaton All Rights Reserv...
C517 EATON-C517 Datasheet
245Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
C517-3A EATON-C517-3A Datasheet
245Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
logo
Toshiba Semiconductor
C5171 TOSHIBA-C5171 Datasheet
123Kb / 4P
Silicon NPN Epitaxial Type Power Amplifier Applications
logo
Powerbox
C5174G POWERBOX-C5174G Datasheet
880Kb / 2P
5000 WATTS (AC) DC/D CSINGLE OUTPUT
More results


Similar Description - C517

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com