Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STH315N10F7-2 Datasheet (PDF) - STMicroelectronics

STH315N10F7-2 Datasheet PDF - STMicroelectronics
Part # STH315N10F7-2
Download  STH315N10F7-2 Download
File Size   1146.38 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade N-channel 100 V, 2.1 mΩ typ., 180 A STripFET™ F7 Power MOSFETs

STH315N10F7-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STH315N10F7-2 Datasheet PDF - STMicroelectronics

Part # STH315N10F7-2
Download  STH315N10F7-2 Click to download

File Size   1146.38 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade N-channel 100 V, 2.1 mΩ typ., 180 A STripFET™ F7 Power MOSFETs

STH315N10F7-2 Datasheet (HTML) - STMicroelectronics


STH315N10F7-2 Product details

Description
These N-channel Power MOSFETs utilize STripFET™ F7 technology with an enhanced trench gate structure that results in very low onstate resistance, while also reducing internal capacitance and gate charge for faster and more efficient switching. 1 TAB 3 2 H PAK-2 2 H PAK-6 2 1 TAB 7

Features
■ Designed for automotive applications and AEC-Q101 qualified
■ Among the lowest RDS(on) on the market
■ Excellent figure of merit (FoM)
■ Low Crss/Ciss ratio for EMI immunity
■ High avalanche ruggedness

Applications
■ Switching applications




Similar Part No. - STH315N10F7-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH315N10F7-2 STMICROELECTRONICS-STH315N10F7-2 Datasheet
797Kb / 16P
Automotive-grade N-channel 100 V, 2.1 mΩ typ., 180 A STripFET F7 Power MOSFETs in an H²PAK‑2 and H²PAK‑6 packages
Rev 6 - March 2025
STH315N10F7-2 STMICROELECTRONICS-STH315N10F7-2_V01 Datasheet
797Kb / 16P
Automotive-grade N-channel 100 V, 2.1 mΩ typ., 180 A STripFET F7 Power MOSFETs in an H²PAK‑2 and H²PAK‑6 packages
Rev 6 - March 2025
More results


Similar Description - STH315N10F7-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK184N4F7AG STMICROELECTRONICS-STK184N4F7AG Datasheet
447Kb / 13P
Automotive-grade N-channel 40 V, 1.6 mΩ typ., 100 A, STripFET™ F7 Power MOSFET in an LFPAK 5x6 package
10-Jan-2019
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STD100N10LF7AG STMICROELECTRONICS-STD100N10LF7AG Datasheet
659Kb / 17P
Automotive-grade N-channel 100 V, 5 mΩ typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
06-Jun-2016
STH260N4LF7-2 STMICROELECTRONICS-STH260N4LF7-2 Datasheet
598Kb / 17P
N-channel 40 V, 1.2 mΩ typ., 180 A, STripFET™ F7 Power MOSFETs in H2PAK-2 and H2PAK-6 packages
24-Nov-2015
STH272N6F7-6AG STMICROELECTRONICS-STH272N6F7-6AG Datasheet
808Kb / 15P
Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A
17-Mar-2016
STH80N10LF7-2AG STMICROELECTRONICS-STH80N10LF7-2AG Datasheet
626Kb / 14P
Automotive-grade N-channel 100 V, 7 mΩ typ., 80 A, STripFET™ F7 Power MOSFET in an H2PAK-2 package
14-Jan-2019
STI410N4F7AG STMICROELECTRONICS-STI410N4F7AG Datasheet
666Kb / 12P
Automotive N-channel 40 V, 1.5 mΩ typ., 180 A STripFET™ F7 Power MOSFET in an I²PAK package
13-Jun-2016
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STH200N10WF7-2 STMICROELECTRONICS-STH200N10WF7-2 Datasheet
377Kb / 14P
N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET
13-Jul-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com