Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STH320N4F6-6 Datasheet (PDF) - STMicroelectronics

STH320N4F6-6 Datasheet PDF - STMicroelectronics
Part # STH320N4F6-6
Download  STH320N4F6-6 Download
File Size   1071.73 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 40 V, 1.1 mΩ typ., 200 A, H²PAK-2, H²PAK-6 STripFET™ VI DeepGATE™ Power MOSFET

STH320N4F6-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STH320N4F6-6 Datasheet PDF - STMicroelectronics

Part # STH320N4F6-6
Download  STH320N4F6-6 Click to download

File Size   1071.73 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 40 V, 1.1 mΩ typ., 200 A, H²PAK-2, H²PAK-6 STripFET™ VI DeepGATE™ Power MOSFET

STH320N4F6-6 Datasheet (HTML) - STMicroelectronics


STH320N4F6-6 Product details

Description
These devices are N-channel Power MOSFETs developed using the 6th generation of STripFET™ DeepGATE™ technology, with a new gate structure. The resulting Power MOSFETs exhibits the lowest RDS(on) in all packages.

Features
■ Standard threshold drive
■ 100% avalanche tested

Applications
■ Automotive switching applications




Similar Part No. - STH320N4F6-6

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
STH30 SONY-STH30 Datasheet
2Mb / 2P
Stereo Headset STH30
logo
STMicroelectronics
STH300NH02L-6 STMICROELECTRONICS-STH300NH02L-6 Datasheet
1Mb / 15P
Automotive-grade N-channel 24 V, 0.95 typ., 180 A
22-Jul-2013
STH30N65DM6-7AG STMICROELECTRONICS-STH30N65DM6-7AG Datasheet
816Kb / 14P
Automotive-grade N-channel 650 V, 102 mΩ typ., 28 A MDmesh DM6 Power MOSFET in an H²PAK-7 package
24-Jun-2021
STH310N10F7-2 STMICROELECTRONICS-STH310N10F7-2 Datasheet
1Mb / 19P
N-channel 100 V, 1.9 m typ., 180 A STripFET VII DeepGATE Power MOSFET in H2PAK-2 and H2PAK-6 packages
23-Jul-2013
STH310N10F7-6 STMICROELECTRONICS-STH310N10F7-6 Datasheet
1Mb / 19P
N-channel 100 V, 1.9 m typ., 180 A STripFET VII DeepGATE Power MOSFET in H2PAK-2 and H2PAK-6 packages
23-Jul-2013
More results


Similar Description - STH320N4F6-6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.021 typ., 6 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT
11-Oct-2012
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
05-Mar-2013
STD155N3H6 STMICROELECTRONICS-STD155N3H6 Datasheet
949Kb / 18P
N-channel 30 V, 2.5 m , 80 A, D PAK, DPAK STripFET VI DeepGATE Power MOSFET
11-May-2011
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STB25NF06LAG STMICROELECTRONICS-STB25NF06LAG Datasheet
859Kb / 15P
Automotive-grade N-channel 60 V, 53 mΩ typ., 20 A STripFET™ II Power MOSFET in a D²PAK package
24-Nov-2016
STI175N4F6AG STMICROELECTRONICS-STI175N4F6AG Datasheet
654Kb / 12P
Automotive-grade N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in an I²PAK package
26-Jan-2016
STI410N4F7AG STMICROELECTRONICS-STI410N4F7AG Datasheet
666Kb / 12P
Automotive N-channel 40 V, 1.5 mΩ typ., 180 A STripFET™ F7 Power MOSFET in an I²PAK package
13-Jun-2016
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
STS25N3LLH6 STMICROELECTRONICS-STS25N3LLH6 Datasheet
257Kb / 11P
N-channel 30 V, 0.0025 Ω, 22 A, SO-8 STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2009
SCT040H120G3AG STMICROELECTRONICS-SCT040H120G3AG Datasheet
386Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 40 mΩ typ., 40 A in an H²PAK-7 package
14-Oct-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com