Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STH400N4F6-2 Datasheet (PDF) - STMicroelectronics

STH400N4F6-2 Datasheet PDF - STMicroelectronics
Part # STH400N4F6-2
Download  STH400N4F6-2 Download
File Size   794.59 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade N-channel 40 V, 0.85 mΩ typ.,180 A STripFET™ VI DeepGATE™ Power MOSFETs

STH400N4F6-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STH400N4F6-2 Datasheet PDF - STMicroelectronics

Part # STH400N4F6-2
Download  STH400N4F6-2 Click to download

File Size   794.59 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade N-channel 40 V, 0.85 mΩ typ.,180 A STripFET™ VI DeepGATE™ Power MOSFETs

STH400N4F6-2 Datasheet (HTML) - STMicroelectronics


STH400N4F6-2 Product details

Description
These devices are N-channel Power MOSFETs developed using the 6th generation of STripFET™ DeepGATE™ technology, with a new gate structure. The resulting Power MOSFETs exhibits the lowest RDS(on) in all packages. H2PAK-2 1 2 3 TAB H2PAK-6 1 TAB 7 D(TAB) G(1) S(2, 3) S(2, 3, 4, 5, 6, 7) G(1) D(TAB) H2PAK-2 H2PAK-6 AM14551V1

Features
■ Designed for automotive applications and AEC-Q101 qualified
■ Low gate charge
■ Very low on-resistance
■ High avalanche ruggedness

Applications
■ Switching applications




Similar Part No. - STH400N4F6-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH410N4F7-2AG STMICROELECTRONICS-STH410N4F7-2AG Datasheet
848Kb / 19P
Switching applications
February 2016 Rev 4
STH410N4F7-6AG STMICROELECTRONICS-STH410N4F7-6AG Datasheet
848Kb / 19P
Switching applications
February 2016 Rev 4
STH47N60DM6-2AG STMICROELECTRONICS-STH47N60DM6-2AG Datasheet
642Kb / 15P
Automotive-grade N-channel 600 V, 70 m typ., 36 A MDmesh™ DM6 Power MOSFET in an H2PAK-2 package
March 2019 Rev 2
logo
Teledyne Technologies I...
STH48D35 TELEDYNE-STH48D35 Datasheet
444Kb / 4P
High Industrial Performance (HIPak) Solid-State Relays
STH48D50 TELEDYNE-STH48D50 Datasheet
444Kb / 4P
High Industrial Performance (HIPak) Solid-State Relays
More results


Similar Description - STH400N4F6-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH360N4F6-2 STMICROELECTRONICS-STH360N4F6-2 Datasheet
359Kb / 12P
N-channel 40 V, 180 A STripFET™ VI DeepGATE™ Power MOSFET in H²PAK-2 package
08-Aug-2012
STL52DN4LF7AG STMICROELECTRONICS-STL52DN4LF7AG Datasheet
1,018Kb / 16P
Automotive-grade dual N-channel 40 V, 9 mΩ typ., 18 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
18-Dec-2017
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STH260N4LF7-2 STMICROELECTRONICS-STH260N4LF7-2 Datasheet
598Kb / 17P
N-channel 40 V, 1.2 mΩ typ., 180 A, STripFET™ F7 Power MOSFETs in H2PAK-2 and H2PAK-6 packages
24-Nov-2015
STH272N6F7-6AG STMICROELECTRONICS-STH272N6F7-6AG Datasheet
808Kb / 15P
Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A
17-Mar-2016
STI410N4F7AG STMICROELECTRONICS-STI410N4F7AG Datasheet
666Kb / 12P
Automotive N-channel 40 V, 1.5 mΩ typ., 180 A STripFET™ F7 Power MOSFET in an I²PAK package
13-Jun-2016
STL105DN4LF7AG STMICROELECTRONICS-STL105DN4LF7AG Datasheet
965Kb / 16P
Automotive-grade dual N-channel 40 V, 3.5 mΩ typ., 40 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
10-Jan-2018
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com