Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401CC Datasheet (PDF) - STMicroelectronics

STM32F401CC Datasheet PDF - STMicroelectronics
Part # STM32F401CC
Download  STM32F401CC Download
File Size   2026.2 Kbytes
Page   134 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Up to 81 I/O ports with interrupt capability

STM32F401CC Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F401CC Datasheet PDF - STMicroelectronics

Part # STM32F401CC
Download  STM32F401CC Click to download

File Size   2026.2 Kbytes
Page   134 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Up to 81 I/O ports with interrupt capability

STM32F401CC Datasheet (HTML) - STMicroelectronics


STM32F401CC Product details

Features
■ Core: ARM® 32-bit Cortex®-M4 CPU with FPU, Adaptive real-time accelerator (ART Accelerator™) allowing 0-wait state execution from Flash memory, frequency up to 84 MHz, memory protection unit, 105 DMIPS/ 1.25 DMIPS/MHz (Dhrystone 2.1), and DSP instructions
■ Memories – Up to 256 Kbytes of Flash memory – Up to 64 Kbytes of SRAM
■ Clock, reset and supply management – 1.7 V (PDR OFF) or 1.8 V (PDR ON) to 3.6 V application supply and I/Os – POR, PDR, PVD and BOR – 4-to-26 MHz crystal oscillator – Internal 16 MHz factory-trimmed RC – 32 kHz oscillator for RTC with calibration – Internal 32 kHz RC with calibration
■ Power consumption – Run: 128 µA/MHz (peripheral off) – Stop (Flash in Stop mode, fast wakeup time): 42 µA typ @ 25 °C; 65 µA max @25 °C – Stop (Flash in Deep power down mode, slow wakeup time): down to 10 µA typ@ 25 °C; 28 µA max @25 °C – Standby: 2.4 µA @25 °C / 1.7 V without RTC; 12 µA @85 °C @1.7 V – VBAT supply for RTC: 1 µA @25 °C
■ 1×12-bit, 2.4 MSPS A/D converter: up to 16 channels
■ General-purpose DMA: 16-stream DMA controllers with FIFOs and burst support
■ Up to 11 timers: up to six 16-bit, two 32-bit timers up to 84 MHz, each with up to 4 IC/OC/PWM or pulse counter and quadrature (incremental) encoder input, two watchdog timers (independent and window) and a SysTick timer
■ Debug mode – Serial wire debug (SWD) & JTAG interfaces – Cortex-M4 Embedded Trace Macrocell™
■ Up to 81 I/O ports with interrupt capability – All IO ports 5 V tolerant – Up to 78 fast I/Os up to 42 MHz
■ Up to 11 communication interfaces – Up to 3 × I2C interfaces (1Mbit/s, SMBus/PMBus) – Up to 3 USARTs (2 x 10.5 Mbit/s, 1 x 5.25 Mbit/s), ISO 7816 interface, LIN, IrDA, modem control) – Up to 4 SPIs (up to 42 Mbits/s at fCPU = 84 MHz), SPI2 and SPI3 with muxed full- duplex I2S to achieve audio class accuracy via internal audio PLL or external clock – SDIO interface
■ Advanced connectivity – USB 2.0 full-speed device/host/OTG controller with on-chip PHY
■ CRC calculation unit
■ 96-bit unique ID
■ RTC: subsecond accuracy, hardware calendar




Similar Part No. - STM32F401CC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F401CC STMICROELECTRONICS-STM32F401CC Datasheet
2Mb / 135P
ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
07-Sep-2016
STM32F401CCF6TR STMICROELECTRONICS-STM32F401CCF6TR Datasheet
2Mb / 135P
ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
07-Sep-2016
STM32F401CCU6 STMICROELECTRONICS-STM32F401CCU6 Datasheet
2Mb / 135P
ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
07-Sep-2016
STM32F401CCU6TR STMICROELECTRONICS-STM32F401CCU6TR Datasheet
2Mb / 135P
ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
07-Sep-2016
STM32F401CCU7 STMICROELECTRONICS-STM32F401CCU7 Datasheet
2Mb / 135P
ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
07-Sep-2016
More results


Similar Description - STM32F401CC

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
8-bit I2C and SMBus I/O Port with Interrupt
logo
Megawin Technology Co.,...
MA009A MEGAWIN-MA009A Datasheet
664Kb / 19P
24-bit I/O extender with interrupt function
logo
NXP Semiconductors
PCAL9535A NXP-PCAL9535A Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
Rev. 1-28 September 2012
logo
STMicroelectronics
STM32F745IE STMICROELECTRONICS-STM32F745IE Datasheet
3Mb / 227P
Up to 168 I/O ports with interrupt capability
18-Feb-2016
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
SMBus I/O port with interrupt
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
SMBus I/O port with Interrupt
logo
Texas Instruments
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
SMBus I/O Expander With Interrupt Output
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
SMBus I/O Expander With Interrupt Output
PCA9555 TI1-PCA9555_15 Datasheet
1Mb / 42P
SMBus I/O Expander With Interrupt Output
logo
Maxim Integrated Produc...
MAX7328 MAXIM-MAX7328 Datasheet
726Kb / 11P
I2C Port Expanders with Eight I/O Ports
19-3829; Rev 1; 4/14
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com