Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPTIC-27G1H5 Datasheet (PDF) - STMicroelectronics

STPTIC-27G1H5 Datasheet PDF - STMicroelectronics
Part # STPTIC-27G1H5
Download  STPTIC-27G1H5 Download
File Size   196.51 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Parascan tunable integrated capacitor

STPTIC-27G1H5 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPTIC-27G1H5 Datasheet PDF - STMicroelectronics

Part # STPTIC-27G1H5
Download  STPTIC-27G1H5 Click to download

File Size   196.51 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Parascan tunable integrated capacitor

STPTIC-27G1H5 Datasheet (HTML) - STMicroelectronics


STPTIC-27G1H5 Product details

Description
The ST integrated tunable capacitor, offers excellent RF performance, low power consumption and high linearity required in adaptive RF tuning applications. The fundamental building block of PTIC is a tunable material called Parascan, which is a version of barium strontium titanate (BST) developed by Paratek microwave. BST capacitances are tunable capacitances intended for use in mobile phone application, and dedicated to RF tunable applications. These tunable capacitances are controlled through a bias voltage ranging from 2 to 20 V. The use of BST tunable capacitance in mobile phones enables significant improvement in terms of radiated performances making the performance almost insensitive to the external environment. TM: Parascan is a trade mark of Paratek microwave Inc. STPTIC STPTIC µQFN Flip Chip

Features
■ High power capability (+36 dBm)
■ High tuning range (3.5/1)
■ High quality factor (Q)
■ High linearity device
■ Low leakage current
■ Capacitor bias is DC blocked
■ Frequency of operation from DC to 3 GHz
■ 8 values available: 1.2 pF, 2.7 pF, 3.3 pF, 3.9 pF, 4.7 pF, 5.6 pF, 6.8 pF and 8.2 pF
■ Analog control voltage
■ Compatible with high voltage control IC (STHVDAC series)
■ Available in plastic molded package: – µQFN package 1.2 x 1.6 x 0.9 mm – Flip Chip 0.65 x 1.0 x 0.3 mm – Flip Chip 0.65 x 1.2 x 0.3 mm
■ ECOPACK® 2 compliant component Benefit
■ RF tunable passive implementation in mobile phones to optimize antenna radiated performances.

Applications
■ Cellular Antenna open loop tunable matching network in multi-band GSM/WCDMA/LTE mobile phone
■ Open loop tunable RF filters




Similar Part No. - STPTIC-27G1H5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPTIC-27G1H5 STMICROELECTRONICS-STPTIC-27G1H5 Datasheet
264Kb / 10P
Parascan tunable integrated capacitor
04-Dec-2015
More results


Similar Description - STPTIC-27G1H5

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
UltraCMOS Digitally Tunable Capacitor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
UltraCMOS Digitally Tunable Capacitor
logo
ON Semiconductor
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3027HA ONSEMI-TCP-3027HA Datasheet
182Kb / 7P
Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2
logo
STMicroelectronics
STPTIC-33G2 STMICROELECTRONICS-STPTIC-33G2 Datasheet
470Kb / 11P
Parascan™ tunable integrated capacitor
July 2015 Rev 1
STPTIC-56G2 STMICROELECTRONICS-STPTIC-56G2 Datasheet
471Kb / 11P
Parascan™ tunable integrated capacitor
July 2015 Rev 1
STPTIC-27L2 STMICROELECTRONICS-STPTIC-27L2 Datasheet
264Kb / 10P
Parascan tunable integrated capacitor
04-Dec-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com