Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKRT Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKRT Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKRT_15
Download  SKRT Download
File Size   676.69 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description Side push with high solder strength and tactile feeling

SKRT Datasheet (PDF)

Go To PDF Page Download Datasheet
SKRT Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKRT_15
Download  SKRT Click to download

File Size   676.69 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description Side push with high solder strength and tactile feeling

SKRT Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.




Similar Part No. - SKRT_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRTLAE010 ALPS-SKRTLAE010 Datasheet
149Kb / 3P
4.5횞3.55mm SidepushTM (Surface Mount Type)
SKRTLBE010 ALPS-SKRTLBE010 Datasheet
149Kb / 3P
4.5횞3.55mm SidepushTM (Surface Mount Type)
More results


Similar Description - SKRT_15

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP816 GREATECS-TP816 Datasheet
178Kb / 1P
2.8x3.8mm Side/Vertical Push Tactile Switch
logo
Panasonic Semiconductor
EVQWK PANASONIC-EVQWK Datasheet
93Kb / 2P
Edge Drive Jog Encoders Tactile rotary operation and push operation
logo
C&K Components
KSC221GLFS CK-COMPONENTS-KSC221GLFS Datasheet
312Kb / 6P
Positive tactile feeling
KSC341GLFS CK-COMPONENTS-KSC341GLFS Datasheet
312Kb / 6P
Positive tactile feeling
logo
Surge Components
C25 SURGE-C25 Datasheet
5Mb / 15P
High impulsc and pulse strength
logo
SHINMEI ELECTRIC CO., L...
TSW-1 SHINMEI-TSW-1 Datasheet
117Kb / 3P
Body Height 1.8mm, Side Push Type Tactile Switches
TSW-7 SHINMEI-TSW-7 Datasheet
184Kb / 3P
Height 1.4mm, Ultra-compact Sized Side Push Type Tactile Switches
TSW-20 SHINMEI-TSW-20 Datasheet
94Kb / 2P
Side Push Double Action Tactile Switches
TSW-31 SHINMEI-TSW-31 Datasheet
102Kb / 2P
Height 0.9mm, Compact Sized Side Push Type Tactile Switches
logo
Mitsumi Electronics, Co...
SOU MITSUMI-SOU Datasheet
92Kb / 2P
Side Click Type Tactile Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com