Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF04-4HSM10 Datasheet (PDF) - STMicroelectronics

ECMF04-4HSM10 Datasheet PDF - STMicroelectronics
Part # ECMF04-4HSM10
Download  ECMF04-4HSM10 Download
File Size   483.02 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Common mode filter with ESD protection for high speed serial interface

ECMF04-4HSM10 Datasheet (PDF)

Go To PDF Page Download Datasheet
ECMF04-4HSM10 Datasheet PDF - STMicroelectronics

Part # ECMF04-4HSM10
Download  ECMF04-4HSM10 Click to download

File Size   483.02 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Common mode filter with ESD protection for high speed serial interface

ECMF04-4HSM10 Datasheet (HTML) - STMicroelectronics


ECMF04-4HSM10 Product details

Description
This device is a highly integrated common mode
filter designed to suppress EMI/RFI common
mode noise on high speed differential serial
buses like HDMI Full HD, MIPI, Display Port and
other high speed serial interfaces.The device has
a very large differential bandwidth to comply with
these standards. The device can protect and filter
2 differential lanes.

Features
• Very large differential bandwidth to comply with
HDMI Full HD, MIPI, USB2.0, USB3.0, Display
Port and other high speed serial interfaces
• Provides -20 dB attenuation at 700 MHz in LTE
bands
• High common mode attenuation:- 25 dB
between 800 MHz - 900 MHz
• Very low PCB space consumption
• Thin package: 0.55 mm max.
• Lead-free package
• High reduction of parasitic elements through
integration.

Applications
• Mobile phones
• Notebook, laptop
• Portable devices
• PND




Similar Part No. - ECMF04-4HSM10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10 Datasheet
2Mb / 14P
Common mode filter with ESD protection for high speed serial interface
09-Nov-2020
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10_V01 Datasheet
2Mb / 14P
Common mode filter with ESD protection for high speed serial interface
09-Nov-2020
More results


Similar Description - ECMF04-4HSM10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF02-2BF3 STMICROELECTRONICS-ECMF02-2BF3 Datasheet
49Kb / 3P
Dual line IPAD?? common mode filter with ESD protection for high speed serial interface
01-Feb-2012
ECMF02-4CMX8 STMICROELECTRONICS-ECMF02-4CMX8 Datasheet
410Kb / 16P
Common mode filter with ESD protection for USB 2.0 Interface
19-Sep-2012
ECMF2-0730V12M12 STMICROELECTRONICS-ECMF2-0730V12M12 Datasheet
533Kb / 14P
Common mode filter with ESD protection for USB2.0 interface
01-Mar-2016
ECMF04-4HSWM10 STMICROELECTRONICS-ECMF04-4HSWM10 Datasheet
2Mb / 13P
Common-mode filter with ESD protection for high-speed serial interfaces
June 2014 Rev 1
ECMF4-20A42N10 STMICROELECTRONICS-ECMF4-20A42N10 Datasheet
656Kb / 13P
Common mode filter with ESD protection for high speed serial interface
16-May-2016
ECMF4-2450A17M10 STMICROELECTRONICS-ECMF4-2450A17M10 Datasheet
820Kb / 13P
Common mode filter with ESD protection for high speed serial interface
November 2016 Rev 1
ECMF06-6HSM16 STMICROELECTRONICS-ECMF06-6HSM16 Datasheet
532Kb / 13P
Common mode filter with ESD protection for high speed serial interface
August 2014 Rev 2
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10_V01 Datasheet
2Mb / 14P
Common mode filter with ESD protection for high speed serial interface
09-Nov-2020
ECMF4-2450A60N10 STMICROELECTRONICS-ECMF4-2450A60N10 Datasheet
4Mb / 14P
Common mode filter with ESD protection for high speed serial interface
02-Jun-2021
ECMF2-40A100N6 STMICROELECTRONICS-ECMF2-40A100N6 Datasheet
6Mb / 17P
Common mode filter with ESD protection for high speed serial interface
27-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com