Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAH110100 Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SSAH110100 Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SSAH110100
Download  SSAH110100 Download
File Size   919.58 Kbytes
Page   4 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description Low-profile type with 0.9mm in height

SSAH110100 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSAH110100 Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SSAH110100
Download  SSAH110100 Click to download

File Size   919.58 Kbytes
Page   4 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description Low-profile type with 0.9mm in height

SSAH110100 Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.




Similar Part No. - SSAH110100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSAH110100 ALPS-SSAH110100 Datasheet
315Kb / 4P
0.9(H)mm, 1.5mm-travel Surface Mount Type
More results


Similar Description - SSAH110100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIC73 ETC1-SIC73 Datasheet
317Kb / 1P
Low Profile (2.5mm max, height) SMD type
logo
ALPS ELECTRIC CO.,LTD.
SKPE ALPS-SKPE Datasheet
190Kb / 3P
Low-profile with High Operation Force (Snap-in Type)
SKRR ALPS-SKRR Datasheet
192Kb / 3P
0.6mm Height Low-profile with Long-life (Surface Mount Type)
logo
SUYIN USA, INC.
100042MB019SX15ZA SUYIN-USA-100042MB019SX15ZA Datasheet
316Kb / 3P
HDMI Receptacle SMT Type With Flange Low Profile Type
logo
ALPS ELECTRIC CO.,LTD.
RS60N111900H ALPS-RS60N111900H_15 Datasheet
857Kb / 6P
Low-profile type with excellent operability adds flexibility in set design
SKRR ALPS-SKRR_15 Datasheet
728Kb / 3P
0.6mm Height Low-profile with Long-life (Surface Mount Type)
SKST ALPS-SKST Datasheet
918Kb / 3P
Quiet Type with 0.9mm Stroke (Surface Mount Type)
RSN ALPS-RSN Datasheet
857Kb / 6P
Low-profile type with excellent operability adds flexibility in set design
logo
Japan Aviation Electron...
FB10 JAE-FB10 Datasheet
180Kb / 6P
0.3mm Pitch, 0.9mm Height FPC Connector
logo
SHINMEI ELECTRIC CO., L...
TSW-31 SHINMEI-TSW-31 Datasheet
102Kb / 2P
Height 0.9mm, Compact Sized Side Push Type Tactile Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com