Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM16 Datasheet (PDF) - ILSI America LLC

ISM16 Datasheet PDF - ILSI America LLC
Part # ISM16
Download  ISM16 Download
File Size   178.43 Kbytes
Page   2 Pages
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC
Description 1.6 mm x 1.2 mm 4 Pads SMD Oscillator

ISM16 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISM16 Datasheet PDF - ILSI America LLC

Part # ISM16
Download  ISM16 Click to download

File Size   178.43 Kbytes
Page   2 Pages
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC
Description 1.6 mm x 1.2 mm 4 Pads SMD Oscillator

ISM16 Datasheet (HTML) - ILSI America LLC




Similar Part No. - ISM16

ManufacturerPart #DatasheetDescription
logo
StarHope
ISM100 SPSEMI-ISM100 Datasheet
288Kb / 2P
Surface Mount Devices
ISM110 SPSEMI-ISM110 Datasheet
288Kb / 2P
Surface Mount Devices
ISM125 SPSEMI-ISM125 Datasheet
288Kb / 2P
Surface Mount Devices
logo
Renesas Technology Corp
ISM14585 RENESAS-ISM14585 Datasheet
1Mb / 22P
5.0 BLE Cortex M0 PMU Audio PA 8Mb Flash
201911-3.5
ISM14585-L35-P8 RENESAS-ISM14585-L35-P8 Datasheet
3Mb / 104P
5.0 BLE Cortex M0 PMU PA 8Mb Flash
201911-3.6
More results


Similar Description - ISM16

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTB1612 KINGBRIGHT-APTB1612 Datasheet
99Kb / 4P
1.6 X 1.2 MM BI-COLOR SMD CHIP LED LAMP
logo
ILSI America LLC
ILCX20 ILSI-ILCX20 Datasheet
46Kb / 2P
4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm
logo
Jauch Quartz Gmbh
JTX210 JAUCH-JTX210 Datasheet
257Kb / 2P
4 Pad Version 1.6 x 1.2 mm
JXS11 JAUCH-JXS11 Datasheet
158Kb / 2P
4 Pad Version 1.6 x 1.2 mm
logo
ILSI America LLC
I593 ILSI-I593 Datasheet
179Kb / 3P
3.2 mm x 2.5 mm 6 Pads SMD TCXO or TC/VCXO Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0093-OZ-TYPE-1 TAITIEN-XO-0093-OZ-TYPE-1 Datasheet
409Kb / 1P
2.0 x 1.6 mm SMD Crystal Oscillator
AT-0023-XZ TAITIEN-AT-0023-XZ Datasheet
255Kb / 1P
2.0 x 1.6 mm SMD Crystal
logo
Panasonic Semiconductor
EVPBB0AAE000 PANASONIC-EVPBB0AAE000 Datasheet
294Kb / 8P
Tactile Switches 2.6 mm x 1.6 mm SMD
logo
Transko Electronics, In...
TCFL161010WF TRANSKO-TCFL161010WF Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
TSM16 TRANSKO-TSM16 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (1.6 x 1.2 x 0.7mm)
Rev 1: 02-24-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com