Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KT100 Datasheet (PDF) - Infineon Technologies AG

KT100 Datasheet PDF - Infineon Technologies AG
Part # KT100
Download  KT100 Download
File Size   182.57 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Silicon Temperature Sensors

KT100 Datasheet (PDF)

Go To PDF Page Download Datasheet
KT100 Datasheet PDF - Infineon Technologies AG

Part # KT100
Download  KT100 Click to download

File Size   182.57 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Silicon Temperature Sensors

KT100 Datasheet (HTML) - Infineon Technologies AG


KT100 Product details

Features

• Temperature dependent resistor with positive temperature coefficient

• Temperature range – 50 °C to + 150 °C (– 60 F to 300 F)

• Available in SMD or leaded or customized packages

• Linear output

• Excellent longterm stability

• Polarity independent due to symmetrical construction

• Fast response time

• Resistance tolerances (R25) of ± 3% or ± 1%




Similar Part No. - KT100

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KT100 SIEMENS-KT100 Datasheet
34Kb / 2P
Silicon Spreading Resistance Temperature Sensor in Leaded Plastic Package
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1000TLD COSMO-KT1000TLD Datasheet
177Kb / 10P
4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1000TRU COSMO-KT1000TRU Datasheet
177Kb / 10P
4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1000 COSMO-KT1000_16 Datasheet
177Kb / 10P
4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Similar Description - KT100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY85-1 PHILIPS-KTY85-1 Datasheet
61Kb / 12P
Silicon temperature sensors
1998 Mar 26
KTY82-2 PHILIPS-KTY82-2 Datasheet
78Kb / 16P
Silicon temperature sensors
1998 Mar 26
KTY81-1 PHILIPS-KTY81-1 Datasheet
109Kb / 16P
Silicon temperature sensors
1998 Mar 26
KTY83 PHILIPS-KTY83 Datasheet
63Kb / 11P
Silicon temperature sensors
2003 Sep 15
KTY81-1 PHILIPS-KTY81-1_00 Datasheet
83Kb / 16P
Silicon temperature sensors
2000 Aug 25
KTY82 NXP-KTY82 Datasheet
79Kb / 17P
Silicon temperature sensors
Rev. 04-14 January 2008
KTY83 NXP-KTY83 Datasheet
61Kb / 10P
Silicon temperature sensors
Rev. 06-4 April 2008
KTY81-120112 NXP-KTY81-120112 Datasheet
78Kb / 15P
Silicon temperature sensors
Rev. 05-25 April 2008
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
KTY81110 PHILIPS-KTY81110 Datasheet
78Kb / 15P
Silicon temperature sensors
Rev. 05-25 April 2008
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com