Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW88N65M5-4 Datasheet (PDF) - STMicroelectronics

STW88N65M5-4 Datasheet PDF - STMicroelectronics
Part # STW88N65M5-4
Download  STW88N65M5-4 Download
File Size   711.61 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Excellent switching performance thanks to the extra driving source pin

STW88N65M5-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW88N65M5-4 Datasheet PDF - STMicroelectronics

Part # STW88N65M5-4
Download  STW88N65M5-4 Click to download

File Size   711.61 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Excellent switching performance thanks to the extra driving source pin

STW88N65M5-4 Datasheet (HTML) - STMicroelectronics


STW88N65M5-4 Product details

Description
This device is an N-channel Power MOSFET based on MDmesh™ M5 innovative vertical process technology combined with the wellknown PowerMESH™ horizontal layout. The resulting product offers extremely low onresistance, making it particularly suitable for applications requiring high power and superior efficiency. TO247-4 1 234 'UDLQ *DWH 'ULYHU VRXUFH Y

Features
■ Higher VDS rating
■ Higher dv/dt capability
■ Excellent switching performance thanks to the extra driving source pin
■ Easy to drive
■ 100% avalanche tested

Applications
■ High efficiency switching applications: – Servers – PV inverters – Telecom infrastructure – Multi kW battery chargers




Similar Part No. - STW88N65M5-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW88N65M5 STMICROELECTRONICS-STW88N65M5 Datasheet
1Mb / 15P
N-channel 650 V, 0.024 廓 typ., 84 A, MDmesh??V Power MOSFET in TO-247 and TO-247 long leads packages
30-Nov-2012
logo
Inchange Semiconductor ...
STW88N65M5 ISC-STW88N65M5 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STW88N65M5-4

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2111A RFM-SF2111A Datasheet
437Kb / 4P
Excellent Size-to-Performance Ratio
SF2140A RFM-SF2140A Datasheet
97Kb / 5P
Excellent Size-to-Performance Ratio
logo
STMicroelectronics
AN2823 STMICROELECTRONICS-AN2823 Datasheet
1Mb / 33P
Current source for LED driving based on the L5973AD
11-Aug-2009
STB46N30M5 STMICROELECTRONICS-STB46N30M5 Datasheet
1Mb / 17P
Excellent switching performance
11-Apr-2014
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
Excellent switching performance
July 2013 Rev 1
STW78N65M5 STMICROELECTRONICS-STW78N65M5 Datasheet
959Kb / 14P
Excellent switching performance
08-Aug-2013
STB15N65M5 STMICROELECTRONICS-STB15N65M5 Datasheet
1Mb / 19P
Excellent switching performance
09-Nov-2012
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
Excellent switching performance
17-Jul-2013
logo
PHOENIX CONTACT
2702480 PHOENIX-2702480 Datasheet
70Kb / 4P
Space saving, thanks to the small diameter
2702491 PHOENIX-2702491 Datasheet
68Kb / 3P
Space saving, thanks to the low height
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com