Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEF3452 Datasheet (PDF) - Infineon Technologies AG

PEF3452 Datasheet PDF - Infineon Technologies AG
Part # PEF3452
Download  PEF3452 Download
File Size   1372.02 Kbytes
Page   71 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Line Interface Unit for DS3, STS 1 and E3

PEF3452 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEF3452 Datasheet PDF - Infineon Technologies AG

Part # PEF3452
Download  PEF3452 Click to download

File Size   1372.02 Kbytes
Page   71 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Line Interface Unit for DS3, STS 1 and E3

PEF3452 Datasheet (HTML) - Infineon Technologies AG


PEF3452 Product details

Overview
The TE3-LIU™ PEF 3452 Line Interface Unit is used to connect a DS3/STS-1 or E3 framer device to an analog transmission line. The line interface fulfills the relevant standards for DS3 (44.736 Mbit/s), STS-1 (51.840 Mbit/s) and E3 (34.368 Mbit/s) systems.
The TE3-LIU™ comes in a P-MQFP-44-2 package (SMD) to save a significant amount of board space. The integrated jitter attenuation further reduces overall system complexity and cost.

Features
• Generic analog interface for all DS3/STS-1/E3 applications
• Single chip solution for receive and transmit direction
• 3.3 V low power device
• Integrated receive equalization network
• Integrated noise and crosstalk filter
• Clock and data recovery using an integrated PLL with ultra-low intrinsic jitter
• Transmit clock duty cycle correction PLL
• No external components required for clock and data recovery and receive equalizer
• DSX receive line monitor (additional 20 dB gain according to ANSI T1.102)
• Low transmitter output impedances for high transmit return loss
• Disable function of the analog transmit line outputs
• Transmit pulse shaper to fulfill requirements of ANSI T1.404, Telcordia GR-499-CORE, ANSI T1.102 and ITU-T G.703 (E3)
• Maximum line length up to 1100 ft. (using standard coaxial cable, for example AT&T 728A, 734A or 734D)
• External line length selection (LBO) is not required
• Jitter specifications of GR-499-CORE and ITU-T G.823 are met
• Integrated jitter attenuation PLL and buffer in transmit direction
• Dual or single rail digital inputs and outputs from/to the framer interface
• Selectable line codes (HDB3 (E3), B3ZS (DS3/STS-1), AMI)
• Analog and digital loss of signal detection and indication
• Automatic RDOP/RDON blanking option in case of LOS
• Bipolar violation indication
• Local loop and remote loop for diagnostic purposes
• Insertion of alarm indication signal ("all ones")
• Flexible hardware or software controlled device configuration
• Device power down function
(Continue ...)




Similar Part No. - PEF3452

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF3460E INFINEON-PEF3460E Datasheet
146Kb / 2P
Single channel T3/E3 Framer & Line Interface for ATM, Frame Relay and PPP/IP
2001
More results


Similar Description - PEF3452

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
E3/DS3/STS-1 LINE INTERFACE UNIT
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com