Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMB2110 Datasheet (PDF) - Infineon Technologies AG

PMB2110 Datasheet PDF - Infineon Technologies AG
Part # PMB2110
Download  PMB2110 Download
File Size   594.9 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description GSM DUALBAND TX VCO

PMB2110 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMB2110 Datasheet PDF - Infineon Technologies AG

Part # PMB2110
Download  PMB2110 Click to download

File Size   594.9 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description GSM DUALBAND TX VCO

PMB2110 Datasheet (HTML) - Infineon Technologies AG


PMB2110 Product details

General Description
■ The PMB 2110 is a Transmit VCO for Dualband (900/1800) GSM mobiles.

Features
■ Fully integrated, monolithic solution
■ Very small outline and low profile TSSOP10 package
■ Two single ended RF power outputs to drive the power amplifier
■ Low power balanced output for PLL downconverter for optimized bill of material (no external power splitter required)
■ Band select and power down function
■ Supply voltage range 2.7V to 2.95V
■ -20°C to +75°C operational temperature range

Application
■ Transmit VCO for GSM Dualband (900/1800) transceivers




Similar Part No. - PMB2110

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2100 INFINEON-PMB2100 Datasheet
583Kb / 20P
GSM LO1 VCO
V 1.1, 2001-07-30
More results


Similar Description - PMB2110

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1042S-1 MITSUBISHI-MF1042S-1 Datasheet
147Kb / 1P
FOR GSM MOBILE TELEPHONE, Tx
MF1157V-2 MITSUBISHI-MF1157V-2 Datasheet
72Kb / 1P
FOR E-GSM MOBILE TELEPHONE, Tx
MF1173V-1 MITSUBISHI-MF1173V-1 Datasheet
48Kb / 1P
FOR GSM MOBILE TELEPHONE, Tx
logo
Sony Corporation
CXG1091TN SONY-CXG1091TN Datasheet
57Kb / 4P
SP4T GSM Dualband Antenna Switch 5V Logic
logo
Infineon Technologies A...
PMB2100 INFINEON-PMB2100 Datasheet
583Kb / 20P
GSM LO1 VCO
V 1.1, 2001-07-30
logo
Skyworks Solutions Inc.
SKY77528 SKYWORKS-SKY77528 Datasheet
79Kb / 2P
Tx Front-End Module for Quad-Band GSM / EDGE
logo
EPCOS
B5057 EPCOS-B5057 Datasheet
94Kb / 8P
SAW Tx Filter R-GSM
logo
Skyworks Solutions Inc.
SKY77518-11 SKYWORKS-SKY77518-11 Datasheet
78Kb / 2P
Tx?밨x iPAC FEM for Dual-Band GSM/GPRS
SKY77529 SKYWORKS-SKY77529_10 Datasheet
83Kb / 2P
Tx Front-End Module for Quad-Band GSM / EDGE
logo
Pulse A Technitrol Comp...
W3078 PULSE-W3078 Datasheet
1Mb / 13P
Dualband WLAN Antenna
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com