Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMB2314 Datasheet (PDF) - Infineon Technologies AG

PMB2314 Datasheet PDF - Infineon Technologies AG
Part # PMB2314
Download  PMB2314 Download
File Size   475.4 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Prescaler Circuit 2.1 GHz

PMB2314 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMB2314 Datasheet PDF - Infineon Technologies AG

Part # PMB2314
Download  PMB2314 Click to download

File Size   475.4 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Prescaler Circuit 2.1 GHz

PMB2314 Datasheet (HTML) - Infineon Technologies AG


PMB2314 Product details

Functional Description/ Application
The IC is designed for use in mobile radio communication devices up to 2100 MHz and upconversion systems up 2500 MHz.
Due to low power consumption and low phase noise generation, the PMB2314T is suitable for use in battery powered handheld systems, e.g. GSM, cordless telephones and cordless consumer products, as well as in basestations.
Low supply voltage down to 2.7V. It can be switched to a low-power standby mode.
Internal current source at the emitter follower output. No external resistor needed in typical applications.
The divide ratio is 1:64/65 or 1:128/129 depending on the external circuit configuration.

Circuit Description
The differential inputs of the IC may be connected either balanced or single ended. In the latter case the unused input must be RF-grounded with a capacitor (about 10 pF) with a low serial inductance.
Depending on the logic level at SW input the basic divide ratio of the ECL-stages is fixed to 1:64/65 or 1:128/129.
The MOD input determines whether modulus 1:n or 1:n+1 (n=64 or 128 according to SW-level) is active.
The IC can be switched to a low-power standby mode (input STB).
The MOD input is TTL/CMOS compatible.
The emitter follower output is CMOS compatible according to the application circuit on page 12. The minimum logic swing is 0.8 Vpp.




Similar Part No. - PMB2314

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PMB2314-T SIEMENS-PMB2314-T Datasheet
160Kb / 14P
Prescaler Circuit 2.1 GHz PMB 2314T
More results


Similar Description - PMB2314

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGL2135 OKI-KGL2135 Datasheet
45Kb / 3P
1.7 GHz Two-Modulus Prescaler
logo
Infineon Technologies A...
PMB2313T INFINEON-PMB2313T Datasheet
685Kb / 20P
Prescaler Circuit 1.1 GHz
V 1.2, December 2003
logo
List of Unclassifed Man...
U666BS ETC-U666BS Datasheet
24Kb / 1P
GHz prescaler (factor = 256)
logo
Siemens Semiconductor G...
PMB2314-T SIEMENS-PMB2314-T Datasheet
160Kb / 14P
Prescaler Circuit 2.1 GHz PMB 2314T
PMB2313T SIEMENS-PMB2313T Datasheet
218Kb / 19P
Prescaler Circuit 1.1 GHz
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12080 ONSEMI-MC12080_06 Datasheet
123Kb / 4P
1.1 GHz Prescaler
January, 2006 ??Rev. 6
logo
Johanson Technology Inc...
2100BL15A100 JOHANSON-2100BL15A100 Datasheet
124Kb / 2P
2.1 Ghz Balun
logo
ON Semiconductor
MC12080 ONSEMI-MC12080_13 Datasheet
107Kb / 4P
1.1 GHz Prescaler
May, 2013 ??Rev. 7
logo
LANSDALE Semiconductor ...
ML12034 LANSDALE-ML12034_08 Datasheet
550Kb / 5P
2.0 GHz Dual Modulus Prescaler
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com