Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24C512B Datasheet (PDF) - ACE Technology Co., LTD.

ACE24C512B Datasheet PDF - ACE Technology Co., LTD.
Part # ACE24C512B
Download  ACE24C512B Download
File Size   1047.17 Kbytes
Page   17 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description Two-wire Serial EEPROM

ACE24C512B Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE24C512B Datasheet PDF - ACE Technology Co., LTD.

Part # ACE24C512B
Download  ACE24C512B Click to download

File Size   1047.17 Kbytes
Page   17 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description Two-wire Serial EEPROM

ACE24C512B Datasheet (HTML) - ACE Technology Co., LTD.


ACE24C512B Product details

Features

● Wide Voltage Operation

   - VCC = 1.7V to 5.5V

● Operating Ambient Temperature: -40℃ to +85℃

● Internally Organized:

   - ACE24C128B, 16,384 * 8 (128K bits)

   - ACE24C256B, 32,768 * 8 (256K bits)

   - ACE24C512B, 65,536 * 8 (512K bits)

● Two-wire Serial Interface

● Schmitt Trigger, Filtered Inputs for Noise Suppression

● Bidirectional Data Transfer Protocol

● 1 MHz (5V), 400 KHz (1.7V, 2.5V, 2.7V) Compatibility

● Write Protect Pin for Hardware Data Protection

● 64-byte Page (128K, 256K), 128-byte (512K) Write Modes

● Partial Page Writes Allowed

● Self-timed Write Cycle (5 ms max)

● High-reliability

   - Endurance: 1 Million Write Cycles

   - Data Retention: 100 Years



 




Similar Part No. - ACE24C512B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C512 ACE-ACE24C512 Datasheet
611Kb / 15P
Two-wire Serial EEPROM
VER 1.4
ACE24C512C ACE-ACE24C512C Datasheet
1Mb / 18P
Two-wire serial EEPROM
VER 1.1
ACE24C512DP+TH ACE-ACE24C512DP+TH Datasheet
611Kb / 15P
Two-wire Serial EEPROM
VER 1.4
ACE24C512DP+UH ACE-ACE24C512DP+UH Datasheet
611Kb / 15P
Two-wire Serial EEPROM
VER 1.4
ACE24C512FM+TH ACE-ACE24C512FM+TH Datasheet
611Kb / 15P
Two-wire Serial EEPROM
VER 1.4
More results


Similar Description - ACE24C512B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
Two-wire Serial EEPROM
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
Two-wire Serial EEPROM
VER 1.3
ACE24C02 ACE-ACE24C02 Datasheet
654Kb / 20P
Two-wire Serial EEPROM
VER 1.3
ACE24C16A ACE-ACE24C16A_11 Datasheet
658Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24LC02 ACE-ACE24LC02_11 Datasheet
717Kb / 18P
Two-wire Serial EEPROM
VER 1.6
logo
ATMEL Corporation
AT24C02B-PU ATMEL-AT24C02B-PU Datasheet
676Kb / 26P
Two-wire Serial EEPROM
logo
List of Unclassifed Man...
FT24C512A ETC2-FT24C512A Datasheet
245Kb / 17P
Two-Wire Serial EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com