Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND7050AJ-E Datasheet (PDF) - STMicroelectronics

VND7050AJ-E Datasheet PDF - STMicroelectronics
Part # VND7050AJ-E
Download  VND7050AJ-E Download
File Size   1059.78 Kbytes
Page   48 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Double channel high-side driver with MultiSense analog feedback

VND7050AJ-E Datasheet (PDF)

Go To PDF Page Download Datasheet
VND7050AJ-E Datasheet PDF - STMicroelectronics

Part # VND7050AJ-E
Download  VND7050AJ-E Click to download

File Size   1059.78 Kbytes
Page   48 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Double channel high-side driver with MultiSense analog feedback

VND7050AJ-E Datasheet (HTML) - STMicroelectronics


VND7050AJ-E Product details

Description
The VND7050AJ-E is a double channel high-side driver manufactured using ST proprietary VIPower® technology and housed in PowerSSO-16 package. The device is designed to drive 12 V automotive grounded loads through a 3 V and 5 V CMOS compatible interface, providing protection and diagnostics. The device integrates advanced protective functions such as load current limitation, overload active management by power limitation and overtemperature shutdown with configurable latch-off. A FaultRST pin unlatches the output in case of fault or disables the latch-off functionality. A dedicated multifunction multiplexed analog output pin delivers sophisticated diagnostic functions including high precision proportional load current sense, supply voltage feedback and chip temperature sense, in addition to the detection of overload and short circuit to ground, short to VCC and off-state open-load. A sense enable pin allows off-state diagnosis to be disabled during the module low-power mode as well as external sense resistor sharing among similar devices. Max transient supply voltage VCC 40 V Operating voltage range VCC 4 to 28 V Typ. on-state resistance (per Ch) RON 50 mΩ Current limitation (typ) ILIMH 30 A Standby current (max) ISTBY 0.5 µA GAPGCFT00327 PowerSSO-16

Features
■ Automotive qualified
■ General – Double channel smart high side driver with MultiSense analog feedback – Very low standby current – Compatible with 3 V and 5 V CMOS outputs
■ MultiSense diagnostic functions – Multiplexed analog feedback of: load current with high precision proportional current mirror, VCC supply voltage and TCHIP device temperature – Overload and short to ground (power limitation) indication –

Applications
■ All types of Automotive resistive, inductive and capacitive loads
■ Specially intended for Automotive Signal Lamps (up to P27W or SAE1156 or LED Rear Combinations)




Similar Part No. - VND7050AJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7050AJ STMICROELECTRONICS-VND7050AJ Datasheet
1Mb / 46P
Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7050AJ STMICROELECTRONICS-VND7050AJ Datasheet
8Mb / 47P
Double channel high-side driver with MultiSense analog feedback for automotive applications
02-Oct-2016
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7050AJ12TR STMICROELECTRONICS-VND7050AJ12TR Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7050AJTR STMICROELECTRONICS-VND7050AJTR Datasheet
1Mb / 46P
Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
More results


Similar Description - VND7050AJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7016AJ STMICROELECTRONICS-VN7016AJ Datasheet
1Mb / 45P
High-side driver with MultiSense analog feedback
25-May-2015
VN7020AJ-E STMICROELECTRONICS-VN7020AJ-E Datasheet
1Mb / 47P
High-side driver with MultiSense analog feedback
21-Oct-2014
VND7020AJ STMICROELECTRONICS-VND7020AJ Datasheet
1Mb / 44P
Double channel high-side driver with MultiSense analog feedback
February 2015 Rev 1
VND7040AJ STMICROELECTRONICS-VND7040AJ Datasheet
1Mb / 46P
Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7050AJ STMICROELECTRONICS-VND7050AJ Datasheet
1Mb / 46P
Double channel high-side driver with MultiSense analog feedback
May 2015 Rev 1
VND7140AJ-E STMICROELECTRONICS-VND7140AJ-E Datasheet
1Mb / 48P
Double channel high-side driver with MultiSense analog feedback
09-Oct-2014
VNQ7140AJ STMICROELECTRONICS-VNQ7140AJ Datasheet
1Mb / 46P
Quad channel high-side driver with MultiSense analog feedback
25-May-2015
VND7012AY STMICROELECTRONICS-VND7012AY Datasheet
2Mb / 45P
Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 4
VND7020AJ-E STMICROELECTRONICS-VND7020AJ-E Datasheet
1Mb / 48P
Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 10
VND7040AJ-E STMICROELECTRONICS-VND7040AJ-E Datasheet
1,009Kb / 48P
Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 9
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com