Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXB4219 Datasheet (PDF) - Infineon Technologies AG

PXB4219 Datasheet PDF - Infineon Technologies AG
Part # PXB4219
Download  PXB4219 Download
File Size   4036.5 Kbytes
Page   290 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description IWE8 Interworking Element for 8 E1/T1 Lines

PXB4219 Datasheet (PDF)

Go To PDF Page Download Datasheet
PXB4219 Datasheet PDF - Infineon Technologies AG

Part # PXB4219
Download  PXB4219 Click to download

File Size   4036.5 Kbytes
Page   290 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description IWE8 Interworking Element for 8 E1/T1 Lines

PXB4219 Datasheet (HTML) - Infineon Technologies AG


PXB4219 Product details

Overview
The Interworking Element for 8 E1/T1 Lines PXB4219 / PXB4220 / PXB4221 (IWE8) is a member of Infineon’s ATM chip set. Together with framing and line interface components (e.g. Infineon’s QuadFALC PEB 22554) the IWE8 serves as gateway between Asynchronous Transfer Mode (ATM) networks and timeslot based PDH networks.

Features
• Full duplex ATM Packetizer/Depacketizer for 8 E1/T1 highways
• Configurable to T1 or E1 mode via external pin
• 8 T1/E1 ports configurable independently to ATM or AAL Mode
• ATM Mode (PXB 4219/4220/4221):
   – ATM cell mapping into PDH according to ITUT G.804 [26]
   – B-ISDN User-Network interface - Physical Layer according to ITU-T I.432 [32]
   – B-ISDN User-Network interface - Physical Layer oparation at 1544 KBit/s and 2048 KBit/s according to ITU-T I.432.3 [34]
• AAL Mode (PXB 4220/4221):
   – AAL1 according to ITU-T I.363.1 [31] or transparent without any adaptation layer overhead (AAL0)
   – T1/E1 unstructured service according to ATM Forum af-vtoa-0078.000 [10] section 3
   – Structured T1/E1 N x 64 Kbit/s service according to [10] section 2 with M channels of N x 64 Kbit/s (M,N = 1to 24 for T1) (M,N = 1to 32 for E1)
   – Channel Associated Signalling (CAS) support according to [10]
   – Echo Canceller Mode
   – Partially filled cells with programmable filling thresholds
   – Selectable Sequence Count Algorithm:
   – Robust/Fast according to ITU-T I.363.1 [30]
   – According to ETSI (prl-ETS 300353 annex D) [17]
   – Fast: Saves 6 ms during reassembly for 1 x 64 Kbit/s connection
   – AAL0 option: 48 Bytes user payload per ATM Cell, without AAL overhead
   – Reassembly buffer can compensate up to +/- 4 ms Cell Delay Variation (CDV)
   – Statistics counters per channel for lost/misinserted/errored cells etc.
   – Internal clock recovery circuit using Synchronous Residual Time Stamp (SRTS) or Adaptive Clock Method (ACM) for unstructured CES ports. For SRTS a patent fee needs to be paid. Optionally, it’s possible to order the PXB 4221 device, which comes without SRTS clock recovery.
   – Trunk freezing and conditioning according to Bellcore TR-NWT-000170 [14]
• IMA interface:
   – Programmable threshold between read and write pointer of Mapping Buffer
   – Output Signal for buffer threshold crossing
   – Output Signal for discarded cell
   – Output pins for port number indication
• 8 generic framer interfaces with integrated transmit clock selector supporting
   – Synchronous Mode (SYM)
   – Generic Interface Mode (GIM)
   – FALC Mode (FAM): Glue-less interface for Infineon’s Framer and Line Interface Components (FALC)
   – Echo Canceller Mode (EC): ATM cells are duplicated internally and transmitted via two framer ports
• UTOPIA industry standard interface:
   – Level 2 in slave mode; 8 data, 5 address lines
   – Level 1 in master/slave mode
– UTOPIA clock up to 38.88 MHz
• 16-bit generic microprocessor interface for control and configuration of the chip runs either in Intel 386EX or Motorola compatible mode
• External synchronous Flow-Through SSRAM 1 x 64K x 33 bit or 1 x 64K x 32 bit required
• Build-in data path loops for test
• Cell insertion/extraxtion via microprocessor interface
• 3.3 Volt power supply with 5 Volt tolerant inputs
• Typical power dissipation 1 Watt
• P-BGA 256 package
• Temperature range from -40° to +85°C




Similar Part No. - PXB4219

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXB4219E INFINEON-PXB4219E Datasheet
3Mb / 290P
Interworking Element for 8 E1/T1 Lines
Version 3.4 Jan. 2003
More results


Similar Description - PXB4219

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXB4219E INFINEON-PXB4219E Datasheet
3Mb / 290P
Interworking Element for 8 E1/T1 Lines
Version 3.4 Jan. 2003
logo
Maxim Integrated Produc...
DS26502 MAXIM-DS26502 Datasheet
1Mb / 124P
T1/E1/J1/64KCC BITS Element
REV: 032405
logo
Dallas Semiconductor
DS26503 DALLAS-DS26503 Datasheet
995Kb / 123P
T1/E1/J1 BITS Element
logo
Maxim Integrated Produc...
DS26504 MAXIM-DS26504 Datasheet
1Mb / 128P
T1/E1/J1/64KCC BITS Element
REV: 070105
logo
Dallas Semiconductor
DS26502 DALLAS-DS26502_06 Datasheet
1Mb / 125P
T1/E1/J1/64KCC BITS Element
logo
Maxim Integrated Produc...
DS26503 MAXIM-DS26503_07 Datasheet
3Mb / 122P
T1/E1/J1 BITS Element
REV: 100507
DS26504 MAXIM-DS26504_06 Datasheet
1,022Kb / 128P
T1/E1/J1/64KCC BITS Element
REV: 100507
logo
Exar Corporation
XRT86VL30 EXAR-XRT86VL30_08 Datasheet
363Kb / 62P
T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
logo
Maxim Integrated Produc...
DS26503DK MAXIM-DS26503DK Datasheet
1Mb / 30P
T1/E1/J1 BITS Element Design Kit
REV: 031507
DS26504 MAXIM-DS26504_V01 Datasheet
3Mb / 129P
T1/E1/J1/64KCC BITS Element
REV: 072308
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com