Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet (PDF) - STMicroelectronics

VX6854LC Datasheet PDF - STMicroelectronics
Part # VX6854LC
Download  VX6854LC Download
File Size   2366.93 Kbytes
Page   114 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QXGA EDOF camera module

VX6854LC Datasheet (PDF)

Go To PDF Page Download Datasheet
VX6854LC Datasheet PDF - STMicroelectronics

Part # VX6854LC
Download  VX6854LC Click to download

File Size   2366.93 Kbytes
Page   114 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QXGA EDOF camera module

VX6854LC Datasheet (HTML) - STMicroelectronics


VX6854LC Product details

Description
The VX6854LC 3 megapixel camera module is designed to be used for high quality still camera function and also supports video modes. The camera silicon device is SMIA 1.0 profile 2 compliant and is capable of generating raw bayer 3 Mpixel images up to 20 fps. The VX6854LC supports the CCI control and CCP 2.0 and CSI-2 data interfaces. The module design is optimized for both footprint and height. The module provides excellent image quality at focus distances from less than 50 cm to infinity. VX6854LC offers an ultra low power consumption hardware standby mode consuming less than 50 μW (typical). A separate hardware accelerator (STV0987) device can be incorporated in the phone system to run the associated image processing algorithms in hardware where the baseband cannot support this processing load. a. Copyright MIPI alliance standard for camera serial interface 2v1.0 and MIPI alliance specification D-PHY v 0.9

Features
■ 3.15 megapixel resolution sensor (2048 x1536)
■ Extended Depth of Field (EDOF)
■ Compact size: 6.5 x 6.5 x 4.6mm
■ SMIA Profile 2 compliant
■ MIPI(a) CSI-2 (v0.9 D-PHY) and SMIA CCP2 video data interface
■ CCI command interface 100 KHz up to 400 KHz
■ 2.8V (analog) / 1.8V (digital) operation
■ Integral EMC shielding
■ Binning mode (2x2)
■ Defect correction
■ 4-channel lens shading correction




Similar Part No. - VX6854LC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VX6852 STMICROELECTRONICS-VX6852 Datasheet
57Kb / 4P
QXGA EDOF camera module
22-May-2008
VX6852Q038/T2 STMICROELECTRONICS-VX6852Q038/T2 Datasheet
57Kb / 4P
QXGA EDOF camera module
22-May-2008
More results


Similar Description - VX6854LC

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CAM-G95 MITSUMI-CAM-G95 Datasheet
633Kb / 2P
Camera Module Connectors
CMV-61CX MITSUMI-CMV-61CX Datasheet
46Kb / 2P
Camera module
logo
Toshiba Semiconductor
TCM8230MD TOSHIBA-TCM8230MD Datasheet
950Kb / 27P
VGA CAMERA MODULE
logo
STMicroelectronics
VB6850 STMICROELECTRONICS-VB6850 Datasheet
134Kb / 5P
3.2 Megapixel QXGA camera module with auto focus
12-Jan-2007
VB6851 STMICROELECTRONICS-VB6851 Datasheet
141Kb / 4P
QXGA camera module with auto focus
07-Feb-2008
VB6871 STMICROELECTRONICS-VB6871 Datasheet
102Kb / 4P
QXGA camera module with auto-focus
25-Mar-2008
VX6852 STMICROELECTRONICS-VX6852 Datasheet
57Kb / 4P
QXGA EDOF camera module
22-May-2008
logo
List of Unclassifed Man...
UCAM-II ETC2-UCAM-II Datasheet
1Mb / 22P
Serial Camera Module
logo
STMicroelectronics
VX6953CB STMICROELECTRONICS-VX6953CB Datasheet
3Mb / 107P
5.1 megapixel EDOF camera module
05-Mar-2013
logo
LG Semicon Co.,Ltd.
LP079QX1 LG-LP079QX1 Datasheet
4Mb / 28P
7.85 QXGA TFT LCD
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com