Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAB80C515 Datasheet (PDF) - Infineon Technologies AG

SAB80C515 Datasheet PDF - Infineon Technologies AG
Part # SAB80C515
Download  SAB80C515 Download
File Size   668.03 Kbytes
Page   56 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit CMOS Single-Chip Microcontroller

SAB80C515 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAB80C515 Datasheet PDF - Infineon Technologies AG

Part # SAB80C515
Download  SAB80C515 Click to download

File Size   668.03 Kbytes
Page   56 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit CMOS Single-Chip Microcontroller

SAB80C515 Datasheet (HTML) - Infineon Technologies AG


SAB80C515 Product details

High-Performance 8-Bit CMOS Single-Chip Microcontroller

The SAB 80C515/80C535 is a powerful member of the Siemens SAB 8051 family of 8-bit microcontrollers. It is designed in Siemens ACMOS technology and is functionally compatible with the SAB 80515/80535 devices designed in MYMOS technology.

● 8 K × 8 ROM (SAB 80C515 only)
● 256 × 8 RAM
● Six 8-bit I/O ports, one input port for digital or analog input
● Three 16-bit timer/counters
● Highly flexible reload, capture, compare capabilities
● Full-duplex serial channel
● Twelve interrupt vectors, four priority levels
● 8-bit A/D converter with 8 multiplexed inputs and programmable internal reference voltages
● 16-bit watchdog timer
● Boolean processor
● Most instructions execute in 1 µs (750 ns)
● 4 µs (3 µs) multiply and divide
● External memory expandable up to 128 Kbytes
● Backwardly compatible with SAB 8051
● Functionally compatible with SAB 80515
● Idle and power-down mode
● Plastic leaded chip carrier package: P-LCC-68
● Plastic Metric Quad Flat Package P-MQFP-80
● Two temperature ranges available:
    0 to 70 ˚C (for 12, 16, 20 MHz)
    – 40 to 85 ˚C (for 12, 16 MHz)




Similar Part No. - SAB80C515

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB80C515 SIEMENS-SAB80C515 Datasheet
668Kb / 56P
8-Bit CMOS Single-Chip Microcontroller
SAB80C515 SIEMENS-SAB80C515 Datasheet
2Mb / 270P
8-Bit Single-Chip Microcontroller Family
SAB80C515-16-N SIEMENS-SAB80C515-16-N Datasheet
668Kb / 56P
8-Bit CMOS Single-Chip Microcontroller
SAB80C515-M SIEMENS-SAB80C515-M Datasheet
668Kb / 56P
8-Bit CMOS Single-Chip Microcontroller
SAB80C515-M-T40/85 SIEMENS-SAB80C515-M-T40/85 Datasheet
668Kb / 56P
8-Bit CMOS Single-Chip Microcontroller
More results


Similar Description - SAB80C515

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A Datasheet
1Mb / 77P
8-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
8-bit single-chip CMOS microcontroller
logo
Integrated Silicon Solu...
IS80C51 ISSI-IS80C51 Datasheet
337Kb / 43P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
8-Bit CMOS Single-Chip Microcontroller
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com