Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAB-C505 Datasheet (PDF) - Infineon Technologies AG

SAB-C505 Datasheet PDF - Infineon Technologies AG
Part # SAB-C505
Download  SAB-C505 Download
File Size   487.31 Kbytes
Page   85 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-bit CMOS Microcontroller

SAB-C505 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAB-C505 Datasheet PDF - Infineon Technologies AG

Part # SAB-C505
Download  SAB-C505 Click to download

File Size   487.31 Kbytes
Page   85 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-bit CMOS Microcontroller

SAB-C505 Datasheet (HTML) - Infineon Technologies AG


SAB-C505 Product details

Advance Information

Features
• Fully compatible with the standard 8051 microcontroller
• Superset of the 8051 architecture with 8 datapointers
• Up to 20 MHz operating frequency
   – 375 ns instruction cycle time @ 16 MHz
   – 300 ns instruction cycle time @ 20 MHz (50% duty cycle)
• Program Memory
   – 32K bytes of on-chip OTP memory
   – Externally expandable up to 64 Kbytes
• 256-byte on-chip RAM
• 256-byte on-chip XRAM
• Five 8-bit and one 6-bit digital I/O ports (Port 5 with 6 bits only)
   – Port 1 with mixed analog/digital I/O capability
   – Port 3 with 2 LCD output lines as secondary functions
   – Port 4 and 5 with 8 and 6 LCD output lines respectively as secondary functions
• Three 16-bit timers/counters
   – Timer 0 / 1 (C501 compatible)
   – Timer 2 with 4 channels for 16-bit capture/compare operation
• 128-segment LCD Controller
   – 1/4 duty cycle drive
   – 4 row and 32 column outputs
   – On-chip programmable reference voltage generation
   – 20 dedicated LCD output lines (4 rows + 16 columns)
• Real-Time Clock
   – 47-bit digital clock counter
   – Input frequency of 32.768 KHz required
   – Operates in a special power down mode
• Full duplex serial interface with programmable baudrate generator (USART)
• 10-bit A/D Converter with 8 multiplexed inputs
• Twelve interrupt sources with four priority levels
• On-chip emulation support logic (Enhanced HooksTM 1))
• Programmable 15-bit Watchdog Timer
• Oscillator Watchdog
• Fast power-on reset
• Power-saving modes
   – Slow-down mode
   – Idle mode (can be combined with slow-down mode)
   – 3 special power down modes
   – Software power-down mode with wake up capability through INT0 pin or Real-Time Clock
• P-MQFP-80 package
• Temperature ranges: SAB-C505L TA = 0 to 70 °C
   SAF-C505L TA = – 40 to 85 °C
   SAK-C505L TA = – 40 to 125 °C (max. operating frequency: 12 MHz)




Similar Part No. - SAB-C505

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C505-2RM SIEMENS-SAB-C505-2RM Datasheet
335Kb / 85P
8-Bit CMOS Microcontroller
SAB-C505-LM SIEMENS-SAB-C505-LM Datasheet
335Kb / 85P
8-Bit CMOS Microcontroller
SAB-C505A-4EM SIEMENS-SAB-C505A-4EM Datasheet
335Kb / 85P
8-Bit CMOS Microcontroller
SAB-C505C-2RM SIEMENS-SAB-C505C-2RM Datasheet
335Kb / 85P
8-Bit CMOS Microcontroller
SAB-C505C-LM SIEMENS-SAB-C505C-LM Datasheet
335Kb / 85P
8-Bit CMOS Microcontroller
More results


Similar Description - SAB-C505

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com