Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA26 Datasheet (PDF) - STMicroelectronics

BTA26 Datasheet PDF - STMicroelectronics
Part # BTA26
Download  BTA26 Download
File Size   135.62 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25 A standard and Snubberless triacs

BTA26 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA26 Datasheet PDF - STMicroelectronics

Part # BTA26
Download  BTA26 Click to download

File Size   135.62 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25 A standard and Snubberless triacs

BTA26 Datasheet (HTML) - STMicroelectronics


BTA26 Product details

Description
Available either in through-hole or surface-mount

Features
■ High current triac
■ Low thermal resistance with clip bonding
■ High commutation (4 quadrant) or very high commutation (3 quadrant) capability
■ BTA series UL1557 certified (File ref: 81734)




Similar Part No. - BTA26

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA26 STMICROELECTRONICS-BTA26 Datasheet
137Kb / 12P
25A TRIACS
31-Jul-2006
logo
Sirectifier Semiconduct...
BTA26 SIRECTIFIER-BTA26 Datasheet
266Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
logo
STMicroelectronics
BTA26 STMICROELECTRONICS-BTA26 Datasheet
133Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
logo
Sirectifier Global Corp...
BTA26 SIRECT-BTA26 Datasheet
990Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
logo
Continental Device Indi...
BTA26 CDIL-BTA26 Datasheet
127Kb / 2P
Triac Series
More results


Similar Description - BTA26

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
Snubberless high temperature 25 A Triacs
20-Jun-2006
BTA24 STMICROELECTRONICS-BTA24_07 Datasheet
133Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
TRIACs, 10A Snubberless and Standard
logo
STMicroelectronics
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
25 A standard and Snubberless™ triacs
05-Jul-2007
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA26-700BRG STMICROELECTRONICS-BTA26-700BRG Datasheet
135Kb / 12P
25 A standard and Snubberless??triacs
05-Jul-2007
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com