Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2010FCT Datasheet (PDF) - Frontier Electronics.

SF2010FCT Datasheet PDF - Frontier Electronics.
Part # SF2010FCT
Download  SF2010FCT Download
File Size   1688.54 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 20A SUPER FAST RECOVERY RECTIFIER 50V-600V

SF2010FCT Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2010FCT Datasheet PDF - Frontier Electronics.

Part # SF2010FCT
Download  SF2010FCT Click to download

File Size   1688.54 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 20A SUPER FAST RECOVERY RECTIFIER 50V-600V

SF2010FCT Datasheet (HTML) - Frontier Electronics.




Similar Part No. - SF2010FCT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SF2010FCT LUGUANG-SF2010FCT Datasheet
1Mb / 2P
Super-Fast Recover Power Rectifiers
Revision:20240607-P1
More results


Similar Description - SF2010FCT

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF20L60 SHINDENGEN-DF20L60 Datasheet
389Kb / 6P
Super Fast Recovery Rectifiers(600V 20A)
S20L60 SHINDENGEN-S20L60 Datasheet
389Kb / 6P
Super Fast Recovery Rectifiers(600V 20A)
SF20L60U SHINDENGEN-SF20L60U Datasheet
334Kb / 6P
Super Fast Recovery Rectifiers(600V 20A)
logo
Frontier Electronics.
SFF200-03 FRONTIER-SFF200-03 Datasheet
130Kb / 2P
20A SUPER FAST RECOVERY RECTIFIER
SFF200-03CT FRONTIER-SFF200-03CT Datasheet
130Kb / 2P
20A DUAL SUPER FAST RECOVERY RECTIFIER
SF1005FCT FRONTIER-SF1005FCT Datasheet
1Mb / 2P
10A SUPER FAST RECOVERY RECTIFIER 50V-600V
SF1605FCT FRONTIER-SF1605FCT Datasheet
1Mb / 2P
16A SUPER FAST RECOVERY RECTIFIER 50V-600V
logo
PACELEADER INDUSTRIAL
ES1A PACELEADER-ES1A_17 Datasheet
431Kb / 2P
1.0A Surface Mount Super Fast Recovery Rectifier 50V~600V
logo
Shindengen Electric Mfg...
SF20L60AM SHINDENGEN-SF20L60AM Datasheet
1Mb / 7P
Fast Recovery Diodes 600V, 20A
SF20L60MVM SHINDENGEN-SF20L60MVM Datasheet
1Mb / 7P
Fast Recovery Diodes 600V, 20A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com