Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE22C05S Datasheet (PDF) - Infineon Technologies AG

SLE22C05S Datasheet PDF - Infineon Technologies AG
Part # SLE22C05S
Download  SLE22C05S Download
File Size   32.67 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Security & Chip Card ICs

SLE22C05S Datasheet (PDF)

Go To PDF Page Download Datasheet
SLE22C05S Datasheet PDF - Infineon Technologies AG

Part # SLE22C05S
Download  SLE22C05S Click to download

File Size   32.67 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Security & Chip Card ICs

SLE22C05S Datasheet (HTML) - Infineon Technologies AG


SLE22C05S Product details

General Description
SLE 22C05S is a member of the Infineon Technologies low cost security controller family in 0.6 µm CMOS technology. The CPU provides the high efficiency of the SAB 8051 instruction set extended by additional powerful instructions together with enhanced performance, memory sizes and security features.
The controller IC offers 7.5 Kbytes of User-ROM, 128 bytes internal RAM and 512 Bytes EEPROM.
The CRC module allows the easy generation of checksums according to ISO 3309 (16-BitCRC). To minimize the overall power consumption, the chip card controller IC offers a sleep mode.

Features
• 16-bit microcomputer in 0.6 µm CMOS technology
• Instruction set opcode compatible with standard SAB 8051 processor
• Enhanced 16-bit arithmetic
• Additional powerful instructions optimized for chip card applications
• Dedicated, non-standard architecture with execution time six times faster than standard SAB 8051 processor
• 7.5-Kbytes User ROM for application programs
• 512-bytes reserved ROM for Resource Management System (RMS) with intelligent write/erase routines
• 512-Bytes EEPROM as program/data memory
• 128 bytes RAM
• CRC Module
• Power saving sleep mode
• Clock freq. = int. freq.: 1 to 7.5 MHz
• Contact configuration and serial interface in accordance with ISO 7816
• Supply voltage range: 2.7 V to 5.5 V
• Current consumption < 8 mA at 5 MHz and 5.5 V
• Temperature range: -25 to +70°C
• ESD protection larger than 4 kV




Similar Part No. - SLE22C05S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLE210K ETC2-SLE210K Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K ETC2-SLE210K Datasheet
529Kb / 3P
Miniature Power Rocker Switches
logo
Copal Electronics
SLE210K COPAL-SLE210K Datasheet
331Kb / 3P
Miniature Power Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
More results


Similar Description - SLE22C05S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
Security & Chip Card ICs
2004.02
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com