Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE44C10S Datasheet (PDF) - Infineon Technologies AG

SLE44C10S Datasheet PDF - Infineon Technologies AG
Part # SLE44C10S
Download  SLE44C10S Download
File Size   62.18 Kbytes
Page   5 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Security & Chip Card ICs

SLE44C10S Datasheet (PDF)

Go To PDF Page Download Datasheet
SLE44C10S Datasheet PDF - Infineon Technologies AG

Part # SLE44C10S
Download  SLE44C10S Click to download

File Size   62.18 Kbytes
Page   5 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Security & Chip Card ICs

SLE44C10S Datasheet (HTML) - Infineon Technologies AG


SLE44C10S Product details

General Description
SLE 44C10S is a member of the Infineon Technologies 44 security microcontroller series, especially designed for smart card applications. The device is fabricated in an Infineon Technologies proprietary CMOS technology. New features such as low voltage operation, extended page mode and I/O routines offer additional performance required in applications like metering and membership cards.

Features
• 8-bit microcomputer in CMOS technology
• Instruction set opcode compatible with standard SAB8051 processor
• Dedicated, non-standard architecture with execution time less than half of standard SAB 8051 processor
• 7-Kbyte User ROM for application programs
• 2-Kbyte manufacturer ROM for &hip Management 6ystem (CMS)
• 1-Kbyte EEPROM as program/data memory
• 256-byte RAM
• Power saving sleep mode
• Clock freq. = int. freq.:
    1 to 5 MHz1) at 5 V ± 10 %,
    1 to 4 MHz at 3 V ± 10 %
• Contact configuration and serial interface in accordance with ISO7816
• Supply voltage range: 2.7 V to 5.5 V
• < 10 mA supply current at 5 MHz
• Temperature range: – 25 to + 70 °C 2)
• ESD protection larger than 4 kV




Similar Part No. - SLE44C10S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
Security & Chip Card ICs
2001.10
SLE44C20S-C INFINEON-SLE44C20S-C Datasheet
30Kb / 6P
Security & Chip Card ICs
2001.10
SLE44C20S-C INFINEON-SLE44C20S-C Datasheet
29Kb / 6P
Security & Chip Card ICs
2001.10
SLE44C20S-M4 INFINEON-SLE44C20S-M4 Datasheet
30Kb / 6P
Security & Chip Card ICs
2001.10
SLE44C20S-M4 INFINEON-SLE44C20S-M4 Datasheet
29Kb / 6P
Security & Chip Card ICs
2001.10
More results


Similar Description - SLE44C10S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
Security & Chip Card ICs
2004.02
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com