Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBT3904U Datasheet (PDF) - Infineon Technologies AG

SMBT3904U Datasheet PDF - Infineon Technologies AG
Part # SMBT3904U
Download  SMBT3904U Download
File Size   76.54 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon Switching Transistor Array

SMBT3904U Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBT3904U Datasheet PDF - Infineon Technologies AG

Part # SMBT3904U
Download  SMBT3904U Click to download

File Size   76.54 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon Switching Transistor Array

SMBT3904U Datasheet (HTML) - Infineon Technologies AG


SMBT3904U Product details

NPN Silicon Switching Transistors

• High DC current gain: 0.1 mA to 100 mA
• Low collector-emitter saturation voltage
• For SMBT3904S / SMBT3904U: Two (galvanic) internal isolated transistors with good matching in one package
• Complementary types: SMBT3906... MMBT3906
• SMBT3904S / U: For orientation in reel see package information below
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101




Similar Part No. - SMBT3904U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBT3904U INFINEON-SMBT3904U Datasheet
146Kb / 13P
NPN Silicon Switching Transistors
2007-09-20
SMBT3904UPN INFINEON-SMBT3904UPN Datasheet
217Kb / 7P
NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904UPN INFINEON-SMBT3904UPN Datasheet
108Kb / 9P
NPN / PNP Silicon Switching Transistor Array Low collector-emitter saturation voltage
2007-03-28
SMBT3904UPN INFINEON-SMBT3904UPN Datasheet
853Kb / 9P
NPN / PNP Silicon Switching Transistor Array
2012-08-21
More results


Similar Description - SMBT3904U

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBT3904S SIEMENS-SMBT3904S Datasheet
79Kb / 8P
NPN Silicon Switching Transistor Array
SMBT3906S SIEMENS-SMBT3906S Datasheet
68Kb / 8P
PNP Silicon Switching Transistor Array
logo
Infineon Technologies A...
BC817U INFINEON-BC817U Datasheet
45Kb / 4P
NPN Silicon Transistor Array
Nov-29-2001
SMBT3904PN INFINEON-SMBT3904PN Datasheet
217Kb / 7P
NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904S INFINEON-SMBT3904S Datasheet
76Kb / 8P
NPN Silicon Switching Transistor Array
Nov-30-2001
SMBT3904UPN INFINEON-SMBT3904UPN Datasheet
217Kb / 7P
NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3906S INFINEON-SMBT3906S Datasheet
76Kb / 8P
PNP Silicon Switching Transistor Array
Nov-30-2001
SMBT3906U INFINEON-SMBT3906U Datasheet
77Kb / 8P
PNP Silicon Switching Transistor Array
Nov-30-2001
logo
NEC
UPA1452 NEC-UPA1452 Datasheet
156Kb / 4P
NPN SILICON EPITAXIAL POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING
logo
Infineon Technologies A...
SMBT3904PN INFINEON-SMBT3904PN_12 Datasheet
853Kb / 9P
NPN / PNP Silicon Switching Transistor Array
2012-08-21
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com