Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1276 Datasheet (PDF) - Semtech Corporation

SX1276 Datasheet PDF - Semtech Corporation
Part # SX1276
Download  SX1276 Download
File Size   3197.38 Kbytes
Page   132 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Power Long Range Transceiver

SX1276 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1276 Datasheet PDF - Semtech Corporation

Part # SX1276
Download  SX1276 Click to download

File Size   3197.38 Kbytes
Page   132 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Power Long Range Transceiver

SX1276 Datasheet (HTML) - Semtech Corporation


SX1276 Product details

GENERAL DESCRIPTION
The SX1276/77/78/79 transceivers feature the LoRaTM long range modem that provides ultra-long range spread spectrum communication and high interference immunity whilst minimising current consumption.
Using Semtech’s patented LoRa™ modulation technique SX1276/77/78/79 can achieve a sensitivity of over -148dBm using a low cost crystal and bill of materials. The high sensitivity combined with the integrated +20 dBm power amplifier yields industry leading link budget making it optimal for any application requiring range or robustness. LoRaTM also provides significant advantages in both blocking and selectivity over conventional modulation techniques, solving the traditional design compromise between range, interference immunity and energy consumption.
These devices also support high performance (G)FSK modes for systems including WMBus, IEEE802.15.4g. The SX1276/77/78/79 deliver exceptional phase noise, selectivity, receiver linearity and IIP3 for significantly lower current consumption than competing devices.

KEY PRODUCT FEATURES
◆ LoRa™ Modem
◆ 168 dB maximum link budget
◆ +20 dBm - 100 mW constant RF output vs. V supply
◆ +14 dBm high efficiency PA
◆ Programmable bit rate up to 300 kbps
◆ High sensitivity: down to -148 dBm
◆ Bullet-proof front end: IIP3 = -11 dBm
◆ Excellent blocking immunity
◆ Low RX current of 9.9 mA, 200 nA register retention
◆ Fully integrated synthesizer with a resolution of 61 Hz
◆ FSK, GFSK, MSK, GMSK, LoRa™ and OOK modulation
◆ Built-in bit synchronizer for clock recovery
◆ Preamble detection
◆ 127 dB Dynamic Range RSSI
◆ Automatic RF Sense and CAD with ultra-fast AFC
◆ Packet engine up to 256 bytes with CRC
◆ Built-in temperature sensor and low battery indicator
◆ QFN 28 Package - Operating Range [-40;+85°C]
◆ Pb-free, Halogen free, RoHS/WEEE compliant product

APPLICATIONS
◆ Automated Meter Reading.
◆ Home and Building Automation.
◆ Wireless Alarm and Security Systems.
◆ Industrial Monitoring and Control
◆ Long range Irrigation Systems




Similar Part No. - SX1276

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1276 SEMTECH-SX1276 Datasheet
348Kb / 1P
137-1050 MHz Ultra Low Power Long Range Transceiver
More results


Similar Description - SX1276

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
Low Power Long Range Transceiver
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
Low Power Long Range Transceiver
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
Low Power Long Range Transceiver Module V2.0
logo
Semtech Corporation
SX1268 SEMTECH-SX1268 Datasheet
2Mb / 105P
Long Range, Low Power, sub-GHz RF Transceiver
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com