Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4541EVB-2 Datasheet (PDF) - Semtech Corporation

SC4541EVB-2 Datasheet PDF - Semtech Corporation
Part # SC4541EVB-2
Download  SC4541EVB-2 Download
File Size   625.97 Kbytes
Page   19 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Frequency LED Driver with Integrated Schottky and Simple Interconnect

SC4541EVB-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4541EVB-2 Datasheet PDF - Semtech Corporation

Part # SC4541EVB-2
Download  SC4541EVB-2 Click to download

File Size   625.97 Kbytes
Page   19 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Frequency LED Driver with Integrated Schottky and Simple Interconnect

SC4541EVB-2 Datasheet (HTML) - Semtech Corporation


SC4541EVB-2 Product details

Description
The SC4541 is a fully integrated, high voltage boost (stepup) and buck (step-down) LED driver. The input voltage range is 2.9V to 22V with output voltage up to 25V. The device is capable of driving up to 7 white LEDs. The high side sense enables a single-wire LED connection by taking advantage of the available system ground. This reduces connector cost and complexity.

Features
■ VIN Range — 2.9V to 22V
■ VOUT Range — Up to 25V
■ IOUT Range:
    ■ Up to 100mA (Boost)
    ■ Up to 200mA (Buck)
■ Drives Up to 7 Series WLEDs (Boost)
■ Drives Up to 5 Series WLEDs (Buck)
■ Integrated Schottky Rectifier
■ Single-Wire LED Connect
■ Current Mode Control
    ■ Frequency — 2.0MHz
    ■ No External Compensation
■ Direct PWM Dimming
    ■ 100:1 Range at 500Hz
■ Open-LED Protection — 27V
■ Low Shutdown Current < 1µA
■ Package Options:
    ■ Low Profile MLPD-UT, 6-pin 2x2 x0.6(mm)
    ■ SOT23, 6-pin 2.9x2.8 x1.45(mm)
■ Lead-free, Halogen-Free and WeEE/RoHS Compliant

Applications
■ Keypad Illumination
■ DSC and DSLR Display Backlight
■ Cellular Handsets
■ Automotive Lighting




Similar Part No. - SC4541EVB-2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC454 SEMTECH-SC454 Datasheet
63Kb / 1P
Single-Phase Single Chip IMVP-6/6 Vcore Power Supply
SC454 SEMTECH-SC454 Datasheet
41Kb / 1P
Single-Phase Single Chip IMVP-6/6 Vcore Power Supply
SC4540 SEMTECH-SC4540 Datasheet
282Kb / 15P
High Effi ciency Boost Converter for up to 10 LEDs
SC4540EVB SEMTECH-SC4540EVB Datasheet
282Kb / 15P
High Effi ciency Boost Converter for up to 10 LEDs
SC4540ULTRT SEMTECH-SC4540ULTRT Datasheet
282Kb / 15P
High Effi ciency Boost Converter for up to 10 LEDs
More results


Similar Description - SC4541EVB-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3498 LINER-LT3498 Datasheet
454Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3519 LINER-LT3519 Datasheet
245Kb / 16P
LED Driver with Integrated Schottky Diode
logo
Maxim Integrated Produc...
MAX16834 MAXIM-MAX16834 Datasheet
183Kb / 23P
High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 2; 5/09
logo
Linear Technology
LT3491 LINER-LT3491_15 Datasheet
273Kb / 16P
White LED Driver with Integrated Schottky in SC70
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
White LED Driver with Integrated Schottky
LT3519 LINER-LT3519_15 Datasheet
271Kb / 20P
LED Driver with Integrated Schottky Diode
LT3519-1 LINER-LT3519-1_15 Datasheet
271Kb / 20P
LED Driver with Integrated Schottky Diode
LT3519-2 LINER-LT3519-2_15 Datasheet
271Kb / 20P
LED Driver with Integrated Schottky Diode
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky
logo
Texas Instruments
TPS92560 TI1-TPS92560 Datasheet
817Kb / 23P
Simple Led Driver
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com