Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS12001 Datasheet (PDF) - Semtech Corporation

TS12001 Datasheet PDF - Semtech Corporation
Part # TS12001
Download  TS12001 Download
File Size   1149.59 Kbytes
Page   11 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Battery Management Under-Voltage Load Switch

TS12001 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS12001 Datasheet PDF - Semtech Corporation

Part # TS12001
Download  TS12001 Click to download

File Size   1149.59 Kbytes
Page   11 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Battery Management Under-Voltage Load Switch

TS12001 Datasheet (HTML) - Semtech Corporation


TS12001 Product details

Description

The TS12001 Off-Active™ battery management load switch is used to protect a battery from excessive discharge. It consists of an internally generated threshold voltage (VTHRESH), comparator with hysteresis, slew rate control for the load switch, a P-Channel load switch, and an open-drain indicator pin. When the input battery voltage is above VTHRESH, the load switch is on-active. When the input battery voltage falls to VTHRESH, the load switch is Off-Active™ and the quiescent current draw is approximately 100pA.



Features

• Off-Active™ feature with ultra-low pico-amp current

• Best-in-class Off-active™ quiescent current of 100pA

• Ultra-low on-active quiescent current of 70nA

• Accurate on to Off-active™ voltage threshold

• Threshold voltage options of 1.2V - 4.2V in 100mV steps (programmed at manufacturing)

• Supervisory over-current limit shutdown

• Low Rds(on): 175mΩ typical @ 5V

• Low drop out disconnect from VBAT to loads

• Turn-on slew rate controlled

• 500mV off to on-active hysteresis



Applications

• Portable Battery

• Industrial

• Medical

• SmartCard

• RFID

• Energy Harvesting Systems



 




Similar Part No. - TS12001

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
List of Unclassifed Man...
TS12001 ETC2-TS12001 Datasheet
1,007Kb / 11P
nanoSmart짰 Battery Management Under-Voltage Load Switch
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
Nanopower Voltage Detector with Dual Outputs
TS12001ITD1022 SILABS-TS12001ITD1022 Datasheet
1Mb / 11P
Nanopower Voltage Detector with Dual Outputs
logo
Touchstone Semiconducto...
TS12001ITD1022T TOUCHSTONE-TS12001ITD1022T Datasheet
872Kb / 8P
A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
More results


Similar Description - TS12001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1103 FAIRCHILD-FPF1103 Datasheet
790Kb / 14P
Advance Load Management Switch
FPF1107 FAIRCHILD-FPF1107 Datasheet
931Kb / 14P
Advance Load Management Switch
FPF1504 FAIRCHILD-FPF1504 Datasheet
517Kb / 4P
Advanced Load Management Switch
logo
Analog Devices
ZSPM4121 AD-ZSPM4121 Datasheet
950Kb / 17P
Under-Voltage Load Switch for Smart Battery Management
logo
List of Unclassifed Man...
TS12001 ETC2-TS12001 Datasheet
1,007Kb / 11P
nanoSmart짰 Battery Management Under-Voltage Load Switch
logo
ON Semiconductor
FPF1107 ONSEMI-FPF1107 Datasheet
745Kb / 16P
Advance Load Management Switch
November 2009 Rev. 1.0.1
FPF1504 ONSEMI-FPF1504 Datasheet
649Kb / 12P
Advanced Load Management Switch
September 2016 Rev. 1.11
logo
Shenzhen Guan Hua Wei Y...
WSD3095DN56 WIINSOK-WSD3095DN56 Datasheet
2Mb / 5P
Battery protection Load switch
logo
Renesas Technology Corp
ZSPM4121 RENESAS-ZSPM4121 Datasheet
577Kb / 17P
Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
logo
ON Semiconductor
FPF1504 ONSEMI-FPF1504_V01 Datasheet
950Kb / 11P
Advanced Load Management Switch
July, 2023 - Rev. 4
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com