Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5250 Datasheet (PDF) - Infineon Technologies AG

TDA5250 Datasheet PDF - Infineon Technologies AG
Part # TDA5250
Download  TDA5250 Download
File Size   2328.6 Kbytes
Page   97 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK/FSK 868MHz Wireless Transceiver

TDA5250 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA5250 Datasheet PDF - Infineon Technologies AG

Part # TDA5250
Download  TDA5250 Click to download

File Size   2328.6 Kbytes
Page   97 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK/FSK 868MHz Wireless Transceiver

TDA5250 Datasheet (HTML) - Infineon Technologies AG


TDA5250 Product details

General Description

The IC is a low power consumption single chip FSK/ASK Transceiver for half duplex low datarate communication in the 868-870MHz band. The IC offers a very high level of integration and needs only a few external components. It contains a highly efficient power amplifier, a low noise amplifier (LNA) with AGC, a double balanced mixer, a complex direct conversion stage, I/Q limiters with RSSI generation, an FSK demodulator, a fully integrated VCO and PLL synthesizer, a tuneable crystal oscillator, an onboard data filter, a data comparator (slicer), positive and negative peak detectors, a data rate detection circuit and a 2/3-wire bus interface. Additionally there is a power down feature to save battery power.



Features

■ Low supply current (Is = 9mA typ. receive, Is = 12mA typ. transmit mode)

■ Supply voltage range 2.1 - 5.5V

■ Power down mode with very low supply current consumption

■ FSK and ASK modulation and demodulation capability

■ Fully integrated VCO and PLL synthesizer and loop filter on-chip with on chip crystal oscillator tuning

■ I2C/3-wire µController Interface

■ On-chip low pass channel select filter and data filter with tuneable bandwidth

■ Data slicer with self-adjusting threshold and 2 peak detectors

■ FSK sensitivity <-109dBm, ASK sensitivity < –109dBm

■ Transmit power up to +13dBm

■ Datarates up to 64kBit/s Manchester encoded

■ Self-polling logic with ultra fast data rate detection



Application

■ Low Bitrate Communication Systems

■ Keyless Entry Systems

■ Remote Control Systems

■ Alarm Systems

■ Telemetry Systems

■ Electronic Metering

■ Home Automation Systems




Similar Part No. - TDA5250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 94P
ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
More results


Similar Description - TDA5250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
TDA5255E1 INFINEON-TDA5255E1 Datasheet
2Mb / 93P
ASK/FSK 434MHz Wireless Transceiver
Version 1.1, 2002-11-28
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
UHF ASK/FSK TRANSCEIVER
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
TDA5251F1 INFINEON-TDA5251F1_07 Datasheet
2Mb / 88P
ASK/FSK 315MHz Wireless Transceiver
Version 1.1, 2007-02-26
TDA5252G2 INFINEON-TDA5252G2 Datasheet
2Mb / 86P
ASK/FSK 915MHz Wireless Transceiver
Version 1.1, 2007-02-26
TDA5255E1 INFINEON-TDA5255E1_07 Datasheet
2Mb / 91P
ASK/FSK 434MHz Wireless Transceiver
Version 1.2, 2007-02-26
logo
ATMEL Corporation
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
UHF ASK/FSK Transceiver
logo
Infineon Technologies A...
TDA7255V INFINEON-TDA7255V Datasheet
2Mb / 109P
ASK/FSK 434 MHz Wireless Transceiver
Revision 1.1, 2010-11-10
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com