Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4226 Datasheet (PDF) - Infineon Technologies AG

TLE4226 Datasheet PDF - Infineon Technologies AG
Part # TLE4226
Download  TLE4226 Download
File Size   528.08 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Intelligent Sixfold Low-Side Switch

TLE4226 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4226 Datasheet PDF - Infineon Technologies AG

Part # TLE4226
Download  TLE4226 Click to download

File Size   528.08 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Intelligent Sixfold Low-Side Switch

TLE4226 Datasheet (HTML) - Infineon Technologies AG


TLE4226 Product details

Features

 Quad 50 mA outputs

 Dual 500 mA outputs

 Operating range VS = 5 V ± 5 %

 Output stages with power limiting

 Open-collector outputs

 Shorted load protected within operating range

 Clamp-diodes to ground

 Status signaling

 TTL-compatible control inputs

 Overtemperature monitoring

 Temperature range – 40 to 125 °C




Similar Part No. - TLE4226

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4226 SIEMENS-TLE4226 Datasheet
269Kb / 15P
Intelligent Sixfold Low-Side Switch
TLE4226G SIEMENS-TLE4226G Datasheet
269Kb / 15P
Intelligent Sixfold Low-Side Switch
More results


Similar Description - TLE4226

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4216G SIEMENS-TLE4216G Datasheet
180Kb / 14P
Intelligent Sixfold Low-Side Switch
TLE4226G SIEMENS-TLE4226G Datasheet
269Kb / 15P
Intelligent Sixfold Low-Side Switch
logo
International Rectifier
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com