Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4251D Datasheet (PDF) - Infineon Technologies AG

TLE4251D Datasheet PDF - Infineon Technologies AG
Part # TLE4251D
Download  TLE4251D Download
File Size   110.06 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Drop Voltage Tracker

TLE4251D Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4251D Datasheet PDF - Infineon Technologies AG

Part # TLE4251D
Download  TLE4251D Click to download

File Size   110.06 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Drop Voltage Tracker

TLE4251D Datasheet (HTML) - Infineon Technologies AG


TLE4251D Product details

Low Drop Voltage Tracker



Functional Description

TheTLE 4251is a monolithic integrated low-drop voltage tracker in the very small SMD

package P-TO252-5-1. It is designed to supply e.g. sensors under the severe conditions

of automotive applications. Therefore the device is equipped with additional protection

functions against over load, short circuit and reverse polarity.

Supply voltages up to 40 V are tracked to a reference voltage given to the adjust input

via an external resistor. The output is able to drive loads up to 400 mA while it follows e.g. the 5 V output of a main voltage regulator within an accuracy of 0.5%. For loads up to 300 mA the tracking accuracy is 0.2%.

TheTLE 4251can be switched in stand-by mode via the enable EN input which causes the current consumption to drop to very low values. This feature makes the IC suitable for low power battery applications.



Features

• Output tracking tolerance≤ ±0.2%

• 400 mA output current capability

• Enable Function

• Very low current consumption in OFF mode

• Wide operation range: up to 40 V

• Wide temperature range: – 40°C≤Tj ≤ 150°C

• Output protected against short circuit

• Overtemperature protection

• Reverse polarity proof




Similar Part No. - TLE4251D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
373Kb / 13P
Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
More results


Similar Description - TLE4251D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4250G INFINEON-TLE4250G Datasheet
84Kb / 12P
Low-Drop Voltage Tracker
Rev. 2.2 2000-10-04
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
Voltage Tracker
logo
SHENZHEN KYL COMMUNICAT...
GSM KYL-GSM Datasheet
168Kb / 15P
Tracker
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
logo
Rohm
BD3925FP-C ROHM-BD3925FP-C Datasheet
346Kb / 10P
Voltage Tracker
logo
Infineon Technologies A...
TLS102B0 INFINEON-TLS102B0 Datasheet
1Mb / 22P
High Precision Voltage Tracker
Rev. 1.0 2018-01-22
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
High Precision Voltage Tracker
Rev. 1.0 2018-01-22
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS115D0 INFINEON-TLS115D0 Datasheet
1Mb / 26P
High Precision Voltage Tracker
Rev. 1.00 2016-10-13
logo
Rohm
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com