Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4990 Datasheet (PDF) - Infineon Technologies AG

TLE4990 Datasheet PDF - Infineon Technologies AG
Part # TLE4990
Download  TLE4990 Download
File Size   699.16 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Programmable Linear Output Hall Sensor

TLE4990 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4990 Datasheet PDF - Infineon Technologies AG

Part # TLE4990
Download  TLE4990 Click to download

File Size   699.16 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Programmable Linear Output Hall Sensor

TLE4990 Datasheet (HTML) - Infineon Technologies AG


TLE4990 Product details

Overview

Features

• Single supply voltage 4.5 - 5.5 V

• Temperature Range from -40 °C up to 150 °C

• Very slim 4-pin package with only 1mm thickness

• Temperature compensation

• Programmable parameters stored in fuse memory:

   – magnetic range and magnetic sensitivity (gain)

   – zero field voltage (offset)

   – clamping option

   – memory lock

   – temperature coefficient (calibrated and fused during production)

• Low drift of output signal over temperature and lifetime

• Continuous measurement ranges between -200 mT and +200 mT or 0 and 400 mT

• Output short circuit protection

• Very linear and ratiometric rail-to-rail output signal with push-pull output

• Reverse polarity and overvoltage protection for all pins

• On-board diagnostics (wire breakage detection)

• Individual programming and operation of multiple sensors with common power supply

• Completely calibrated and fused version -E6782



Target Applications

• Robust replacement of potentiometers

   – No mechanical abrasion

   – Resistant to humidity, temperature, pollution, and vibration

• Linear and angular position sensing in automotive applications like pedal position, suspension control, valve or throttle position, headlight levelling, and steering angle

• High current sensing for battery management, motor control, and electronic fuse



 




Similar Part No. - TLE4990

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4990 INFINEON-TLE4990 Datasheet
1Mb / 24P
Programmable Linear Output Hall Sensor
V 2.4, November 2005
TLE4990-E6782 INFINEON-TLE4990-E6782 Datasheet
1Mb / 24P
Programmable Linear Output Hall Sensor
V 2.4, November 2005
TLE4990 INFINEON-TLE4990_05 Datasheet
1Mb / 24P
Programmable Linear Output Hall Sensor
V 2.4, November 2005
More results


Similar Description - TLE4990

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
407Kb / 24P
Programmable Linear Hall Sensor
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4990 INFINEON-TLE4990_05 Datasheet
1Mb / 24P
Programmable Linear Output Hall Sensor
V 2.4, November 2005
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
Programmable Linear Hall Sensor
Rev 1.1, September 2009
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
Programmable Linear Hall Sensor
2004-09-15
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com