Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACS109E Datasheet (PDF) - Aeroflex Circuit Technology

UT54ACS109E Datasheet PDF - Aeroflex Circuit Technology
Part # UT54ACS109E
Download  UT54ACS109E Download
File Size   146.63 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Dual J-K Flip-Flops

UT54ACS109E Datasheet (PDF)

Go To PDF Page Download Datasheet
UT54ACS109E Datasheet PDF - Aeroflex Circuit Technology

Part # UT54ACS109E
Download  UT54ACS109E Click to download

File Size   146.63 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Dual J-K Flip-Flops

UT54ACS109E Datasheet (HTML) - Aeroflex Circuit Technology


UT54ACS109E Product details

DESCRIPTION
The UT54ACS109E is a dual J-K positive triggered flip-flop. A low level at the preset or clear inputs sets or resets the outputs regardless of the other input levels. When preset and clear are inactive (high), data at the J and K input meeting the setup time requirements are transferred to the outputs on the positive-going edge of the clock pulse. Following the hold time interval, data at the J and K input can be changed without affecting the levels at the outputs. The flip-flops can perform as toggle flip-flops by grounding K and tying J high. They also can perform as D flip-flops if J and K are tied together.
The devices are characterized over full HiRel temperature range of -55°C to +125°C.

FEATURES
• 0.6μm CRH CMOS Process
   - Latchup immune
• High speed
• Low power consumption
• Wide operating power supply of 3.0V to 5.5V
• Available QML Q or V processes
• 16-lead flatpack




Similar Part No. - UT54ACS109E

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS109 AEROFLEX-UT54ACS109 Datasheet
55Kb / 6P
Radiation-Hardened Dual J-K Flip-Flops
More results


Similar Description - UT54ACS109E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54107 TI-SN54107 Datasheet
493Kb / 12P
DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC107 HITACHI-HD74HC107 Datasheet
57Kb / 9P
Dual J-K Flip-Flops (with Clear)
HD74HC113 HITACHI-HD74HC113 Datasheet
52Kb / 8P
Dual J-K Flip-Flops (with Preset)
HD74HC73 HITACHI-HD74HC73 Datasheet
57Kb / 9P
Dual J-K Flip-Flops (with Clear)
HD74LS73A HITACHI-HD74LS73A Datasheet
66Kb / 6P
Dual J-K Flip-Flops(with Clear)
logo
National Semiconductor ...
MM54HC73 NSC-MM54HC73 Datasheet
140Kb / 6P
Dual J-K Flip-Flops with Clear
logo
Aeroflex Circuit Techno...
UT54ACS109 AEROFLEX-UT54ACS109 Datasheet
55Kb / 6P
Radiation-Hardened Dual J-K Flip-Flops
logo
Texas Instruments
SN74HC73D TI1-SN74HC73D Datasheet
123Kb / 4P
DUAL J-K FLIP-FLOPS WITH CLEAR
SN5473 TI1-SN5473_15 Datasheet
872Kb / 17P
DUAL J-K FLIP-FLOPS WITH CLEAR
SN54107 TI1-SN54107_15 Datasheet
841Kb / 16P
DUAL J-K FLIP-FLOPS WITH CLEAR
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com