Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT80CRH196KDS Datasheet (PDF) - Aeroflex Circuit Technology

UT80CRH196KDS Datasheet PDF - Aeroflex Circuit Technology
Part # UT80CRH196KDS
Download  UT80CRH196KDS Download
File Size   227.83 Kbytes
Page   41 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description UT80CRH196KDS Microcontroller

UT80CRH196KDS Datasheet (PDF)

Go To PDF Page Download Datasheet
UT80CRH196KDS Datasheet PDF - Aeroflex Circuit Technology

Part # UT80CRH196KDS
Download  UT80CRH196KDS Click to download

File Size   227.83 Kbytes
Page   41 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description UT80CRH196KDS Microcontroller

UT80CRH196KDS Datasheet (HTML) - Aeroflex Circuit Technology


UT80CRH196KDS Product details

INTRODUCTION

The UT80CRH196KDS is compatible with industry standard’s MCS-96 instruction set. The UT80CRH196KDS is supported by commercial hardware and software development tools. Built on UTMC’s Commercial RadHardTM

 epitaxial CMOS technology, the microcontroller is hardened against ionizing dose and charged particles. The microcontroller’s on-board 1000 byte scratch-pad SRAM and flip-flops can withstand charged particles with energies up to 25 MeV-cm2/mg.



FEATURES

20MHz 16-bit Microcontroller compatible with industry standard’s MCS-96 ISA

 - Register to Register Architecture

 - 1000 Byte Register RAM

Three 8-bit I/O Ports

On-board Interrupt Controller

Three Pulse-Width Modulated Outputs

High Speed I/O

UART Serial Port

Dedicated Baud Rate Generator

Software and Hardware Timers

  - 16-Bit Watchdog Timer, Four 16-Bit Software Timers

  - Three 16-Bit Counter/Timers

Radiation-hardened process and design; total dose irradiation testing to MIL-STD-883 Method 1019

  - Total-dose: 300K rads(Si)

  - Onset LET Threshold: 25MeV-cm2/mg

- Saturated cross section: 6.0E-7 cm2/bit

- Latchup immune (LET > 128 MeV-cm2/mg)

‰Error detection and correction for external memory accesses

‰QML Q and QML V compliant part

‰Standard Microcircuit Drawing 5962-02523




Similar Part No. - UT80CRH196KDS

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT80CRH196KD AEROFLEX-UT80CRH196KD Datasheet
186Kb / 10P
20MHz 16-bit Microcontroller
UT80CRH196KD-WCA AEROFLEX-UT80CRH196KD-WCA Datasheet
186Kb / 10P
20MHz 16-bit Microcontroller
UT80CRH196KD-WCC AEROFLEX-UT80CRH196KD-WCC Datasheet
186Kb / 10P
20MHz 16-bit Microcontroller
UT80CRH196KD-WCX AEROFLEX-UT80CRH196KD-WCX Datasheet
186Kb / 10P
20MHz 16-bit Microcontroller
UT80CRH196KD-WCXA AEROFLEX-UT80CRH196KD-WCXA Datasheet
186Kb / 10P
20MHz 16-bit Microcontroller
More results


Similar Description - UT80CRH196KDS

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com