Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM240D Datasheet (PDF) - Analog Devices

ADUM240D Datasheet PDF - Analog Devices
Part # ADUM240D
Download  ADUM240D Download
File Size   496.33 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.0 kV rms Quad Digital Isolators

ADUM240D Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM240D Datasheet PDF - Analog Devices

Part # ADUM240D
Download  ADUM240D Click to download

File Size   496.33 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.0 kV rms Quad Digital Isolators

ADUM240D Datasheet (HTML) - Analog Devices




Similar Part No. - ADUM240D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2400 AD-ADUM2400 Datasheet
209Kb / 23P
Quad-Channel Digital Isolators, 5KV
ADuM2400 AD-ADuM2400 Datasheet
417Kb / 24P
Quad-Channel Digital Isolators
Rev. E
ADUM2400 AD-ADUM2400 Datasheet
544Kb / 24P
Quad-Channel Digital Isolators
Rev. F
ADuM2400ARIZ AD-ADuM2400ARIZ Datasheet
304Kb / 24P
Quad-Channel Digital Isolators
REV. D
ADuM2400ARIZ AD-ADuM2400ARIZ Datasheet
417Kb / 24P
Quad-Channel Digital Isolators
Rev. E
More results


Similar Description - ADUM240D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
REV. B
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. 0
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
5.0 kV RMS Triple Channel Digital Isolators
REV. A
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com